Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSLV1C336M Datasheet(PDF) 2 Page - NEC

Part # PSLV1C336M
Description  PL/L Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PSLV1C336M Datasheet(HTML) 2 Page - NEC

  PSLV1C336M Datasheet HTML 1Page - NEC PSLV1C336M Datasheet HTML 2Page - NEC PSLV1C336M Datasheet HTML 3Page - NEC PSLV1C336M Datasheet HTML 4Page - NEC PSLV1C336M Datasheet HTML 5Page - NEC PSLV1C336M Datasheet HTML 6Page - NEC PSLV1C336M Datasheet HTML 7Page - NEC PSLV1C336M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
PS/L Series
11
PSL D
0J 337 M
DC rated voltage in volts
Capacitance Tolerance
Capacitance (pF)
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
M:
±20%
Case code
PS/L Series
(25)
Special numbering for ESR
ex. (25) shows 25 m
0E: 2.5 V, 0G: 4 V, 0J: 6.3 V,
1A: 10 V, 1C: 16 V, 1D: 20 V, 1E: 25 V
TE
[Bulk]
[Tape and Reel]
PSLD0J337M 12 R
Packing Orientation
Tape width
R : Cathode on the Side
of Sproket Hole
Part number of Bulk
Tape and Reel
8: 8 mm (J, P, A2, A, B3, B15, B2 case)
12: 12 mm (C2, C, V, D cases)
TL PSLD0J337M 12 R
E
Indicates 330mm
φ reel
Tape and Reel
TE: 180mm
φ reel
TL: 330mm
φ reel
í PART NUMBER SYSTEM
í STANDARD C-V VALUE REFERENCE BY CASE CODE
UR
2.5 V
0E
4V
0G
6.3V
0J
10V
1A
16V
1C
20V
1D
1.0
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
105
225
335
475
685
106
156
226
336
476
686
107
157
227
337
477
687
108
J
J, P
J, P
J, P, A
P, A2, A
A2, A, B2
A2, A, B3, B2
A, B3, B2
A, B3, B2, C2, C
B3, B2, C2, C
A, B2, C2, C, V
B15, B2, C2, C, V, D
B2, V, D
V, D
J, P, A
P, A2, B2
A2, A
A, B3
A, C2, C
A, B3, B2, C2
B2, C
B2, C, V, D
C, V, D
D
D
P
A2
A2
A, B3
A, B2
B2, C, V
V
D
D
J
J, A
J, A2, A
A2, A, B2
P, A2, A, B2
A, B2, C
A, B3, B2, C
A, B3, B2, C2, C
B3, B2, C2, C, V, D
C2, C, V, D
B2, C2, C, V, D
C, V, D
D
25V
1E
F
A
B2
B2
B2
V
V, D
V, D
V, D
V
V
D
V
V
B2
UR :Rated Voltage


Similar Part No. - PSLV1C336M

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
   The Compact Power Transformer
More results

Similar Description - PSLV1C336M

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1525-4-9 WINCHESTER-SD1525-4-9 Datasheet
99Kb / 1P
   PL, TPS
SD1525-3-9 WINCHESTER-SD1525-3-9 Datasheet
105Kb / 1P
   PL, TPS
SDKM-59-13 WINCHESTER-SDKM-59-13 Datasheet
43Kb / 1P
   PL, KM
SD2065-15-9 WINCHESTER-SD2065-15-9 Datasheet
40Kb / 1P
   PL, 75 BNC
SD2065-29-9 WINCHESTER-SD2065-29-9 Datasheet
47Kb / 1P
   PL, 75 BNC
SD2065-2-9 WINCHESTER-SD2065-2-9 Datasheet
72Kb / 1P
   PL, 75 BNC
SD2065-11-9 WINCHESTER-SD2065-11-9 Datasheet
76Kb / 1P
   PL, 75 BNC
SDKH-59-24 WINCHESTER-SDKH-59-24 Datasheet
76Kb / 1P
   PL, ANG, HN
SDKC-59-533 WINCHESTER-SDKC-59-533 Datasheet
52Kb / 1P
   PL, ANG, BNC
SD2065-1-9 WINCHESTER-SD2065-1-9 Datasheet
60Kb / 1P
   PL, 75 BNC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com