Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSB64-2R2 Datasheet(PDF) 5 Page - NEC

Part # SSB64-2R2
Description  Power Inductors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB64-2R2 Datasheet(HTML) 5 Page - NEC

  SSB64-2R2 Datasheet HTML 1Page - NEC SSB64-2R2 Datasheet HTML 2Page - NEC SSB64-2R2 Datasheet HTML 3Page - NEC SSB64-2R2 Datasheet HTML 4Page - NEC SSB64-2R2 Datasheet HTML 5Page - NEC SSB64-2R2 Datasheet HTML 6Page - NEC SSB64-2R2 Datasheet HTML 7Page - NEC SSB64-2R2 Datasheet HTML 8Page - NEC SSB64-2R2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
Power Inductors VOL.10
5
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
Commom Mode
Signal Line
Commom Mode
Power Line
SMD Type
EJ Series
P34
DFD Series
P35
SBS9080 Series
P37
SBP Series
P38
DCM Series
P39
EMC Chip Filters
M-500CT/M-600T Series
P41
P33
Feedthrough Capacitor Filters
EG Series
EMC Filter
AC Line Filters
Earth inductors
Common mode
SNG series
P6
SC Coils — Standard Type
P8
SC Coils — Case Type
SC-E, F, V Type
P10
SC Coils — Case Type
SC-A Type
P12
SC Coils — Terminal Base Type
SC-J Type
P13
SC Coils — Terminal Base Type
SC-GJ Type
P15
SC Coils — Terminal Base Type
SC-JV Type
P16
SC Coils — Terminal Base Type
SC-JS Type
P17
SC Coils — Terminal Base Type
SC-JH Type
P18
SC Coils — Small Type
SC-G/GS Type
P19
SC Coils — Compact, High-Inductance
Type, SCF Type
P21
SC Coils — High Frequency Type
SC-D Type
P22
SU Coils
SU 7VC Type
P23
SU Coils
SU 9V/9H Type
P24
SCR Coils
High Impedance Type
P4
SCR Coils
Low Height Type
P5
SU Coils
SU 9VF/9HF Type
P26
SU Coils
SU 10VFC-R Type
P27
SU Coils — High Frequency Type
SU 9VD Type
P28
SU Coils — High Frequency Type
SU 10VD Type
P29
SU Coils — High Frequency Type
SU 16VD Type
P30
SS Coils
SS17 HB Type
P36
SS Coils
SS11VL Type
P31
SS Coils
SS11V/H-CH Type
P33
SS Coils
SSB11V-R/11H-R Type
P35
New Products
(Continued)


Similar Part No. - SSB64-2R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSB-0218 ETC2-SSB-0218 Datasheet
123Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
SSB-0218L ETC2-SSB-0218L Datasheet
123Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
logo
Marki Microwave
SSB-0618 MARKIMICROWAVE-SSB-0618 Datasheet
139Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
logo
Sanken electric
SSB-14 SANKEN-SSB-14 Datasheet
34Kb / 2P
   Schottky Barrier Diodes (Surface Mount) 40V
logo
LUMEX INC.
SSB-CEL187USBW LUMEX-SSB-CEL187USBW Datasheet
175Kb / 1P
   18.04mm X 8.0mm V.A Custom LED BACKLIGHT 2 CHIPS
More results

Similar Description - SSB64-2R2

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com