Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSLB21C475M Datasheet(PDF) 8 Page - NEC

Part # PSLB21C475M
Description  PL/L Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PSLB21C475M Datasheet(HTML) 8 Page - NEC

  PSLB21C475M Datasheet HTML 1Page - NEC PSLB21C475M Datasheet HTML 2Page - NEC PSLB21C475M Datasheet HTML 3Page - NEC PSLB21C475M Datasheet HTML 4Page - NEC PSLB21C475M Datasheet HTML 5Page - NEC PSLB21C475M Datasheet HTML 6Page - NEC PSLB21C475M Datasheet HTML 7Page - NEC PSLB21C475M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
PS/L Series
17
10
15
C
PSLC1A156M
15
9
200
742
9
14
±20%
±20%
22
A
PSLA1A226M
22
6
180
645
6
9
±20%
±20%
22
B3
PSLB31A226M
22
8
70
1035
8
12
±20%
±20%
22
B2
PSLB21A226M
22
8
150
753
8
12
±20%
±20%
22
C
PSLC1A226M
22
9
150
856
9
14
±20%
±20%
33
A
PSLA1A336M
33
8
200
612
8
12
±20%
±20%
33
B3
PSLB31A336M
33
8
70
1035
8
12
±20%
±20%
33
B2
PSLB21A336M
33
8
150
753
8
12
±20%
±20%
33
C2
PSLC21A336M
33
9
70
1134
9
14
±20%
±20%
33
C
PSLC1A336M
33
9
100
1049
9
14
±20%
±20%
47
B3
PSLB31A476M
47
8
70
1035
8
12
±20%
±20%
47
B2
PSLB21A476M
47
8
70
1102
8
12
±20%
±20%
47
B2
PSLB21A476M(35)
47
8
35
1558
8
12
±20%
±20%
47
C2
PSLC21A476M
47
9
70
1134
9
14
±20%
±20%
47
C
PSLC1A476M
47
9
100
1049
9
14
±20%
±20%
47
C
PSLC1A476M(55)
47
9
55
1414
9
14
±20%
±20%
47
V
PSLV1A476M
47
10
60
1443
10
15
±20%
±20%
47
D
PSLD1A476M
47
10
100
1225
10
15
±20%
±20%
68
C2
PSLC21A686M
68
9
55
1279
9
14
±20%
±20%
68
C
PSLC1A686M
68
9
100
1049
9
14
±20%
±20%
68
C
PSLC1A686M(55)
68
9
55
1414
9
14
±20%
±20%
68
V
PSLV1A686M
68
10
60
1443
10
15
±20%
±20%
68
D
PSLD1A686M
68
10
100
1225
10
15
±20%
±20%
100
B2
PSLB21A107M(45)
100
10
45
1374
10
15
±20%
±20%
100
C2
PSLC21A107M
100
9
70
1134
9
14
±20%
±20%
100
C2
PSLC21A107M(55)
100
9
55
1279
9
14
±20%
±20%
100
C
PSLC1A107M
100
9
100
1049
9
14
±20%
±20%
100
C
PSLC1A107M(55)
100
9
55
1414
9
14
±20%
±20%
100
V
PSLV1A107M
100
10
45
1667
10
15
±20%
±20%
100
V
PSLV1A107M(25)
100
10
25
2236
10
15
±20%
±20%
100
D
PSLD1A107M
100
10
55
1651
10
15
±20%
±20%
150
C
PSLC1A157M
150
9
55
1414
9
14
±20%
±20%
150
V
PSLV1A157M
150
10
45
1667
10
15
±20%
±20%
150
V
PSLV1A157M(40)
150
10
40
1768
10
15
±20%
±20%
150
D
PSLD1A157M
150
10
55
1651
10
15
±20%
±20%
150
D
PSLD1A157M(40)
150
10
40
1936
10
15
±20%
±20%
220
D
PSLD1A227M
220
10
55
1651
10
15
±20%
±20%
220
D
PSLD1A227M(40)
220
10
40
1936
10
15
±20%
±20%
220
D
PSLD1A227M(25)
220
10
25
2449
10
15
±20%
±20%
16
3.3
A
PSLA1C335M
5.2
6
800
306
6
9
±20%
±20%
4.7
B2
PSLB21C475M
7.5
8
200
652
8
12
±20%
±20%
6.8
B2
PSLB21C685M
10.8
8
200
652
8
12
±20%
±20%
10
B2
PSLB21C106M
16
8
100
922
8
12
±20%
±20%
33
V
PSLV1C336M
52.8
10
70
1336
10
15
±20%
±20%
47
V
PSLV1C476M
75.2
10
70
1336
10
15
±20%
±20%
47
D
PSLD1C476M
75.2
10
70
1464
10
15
±20%
±20%
68
V
PSLV1C686M
108.8
10
50
1581
10
15
±20%
±20%
68
D
PSLD1C686M
108.8
10
55
1651
10
15
±20%
±20%
20
22
V
PSLV1D226M
44
10
90
1179
10
15
±20%
±20%
33
V
PSLV1D336M
66
10
70
1336
10
15
±20%
±20%
47
V
PSLV1D476M
94
10
70
1336
10
15
±20%
±20%
47
D
PSLD1D476M
94
10
70
1464
10
15
±20%
±20%
25
6.8
B2
PSLB21E685M
17
8
100
922
8
12
±20%
±20%
15
V
PSLV1E156M
37.5
10
90
1179
10
15
±20%
±20%
22
V
PSLV1E226M
55
10
90
1179
10
15
±20%
±20%
33
D
PSLD1E336M
82.5
10
60
1581
10
15
±20%
±20%
Capacitance
Voltage
(V)
Case
Code
Part
Number
(Bulk)
Leakage
Current
( F)
( A)
DF
(%)
(m )
ESR
Permissible
Ripple
Current
(mA rms.)
Rated
Capacitance Change
+105℃
at Endurance
Soldering Heat
at Resistance to
at Surge Voltage
Max
Max
Max
DF (%) Max
-55℃
*1
*1: Measure frequency
z: 300kHz, none: 100 kHz


Similar Part No. - PSLB21C475M

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
   The Compact Power Transformer
More results

Similar Description - PSLB21C475M

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1525-4-9 WINCHESTER-SD1525-4-9 Datasheet
99Kb / 1P
   PL, TPS
SD1525-3-9 WINCHESTER-SD1525-3-9 Datasheet
105Kb / 1P
   PL, TPS
SDKM-59-13 WINCHESTER-SDKM-59-13 Datasheet
43Kb / 1P
   PL, KM
SD2065-15-9 WINCHESTER-SD2065-15-9 Datasheet
40Kb / 1P
   PL, 75 BNC
SD2065-29-9 WINCHESTER-SD2065-29-9 Datasheet
47Kb / 1P
   PL, 75 BNC
SD2065-2-9 WINCHESTER-SD2065-2-9 Datasheet
72Kb / 1P
   PL, 75 BNC
SD2065-11-9 WINCHESTER-SD2065-11-9 Datasheet
76Kb / 1P
   PL, 75 BNC
SDKH-59-24 WINCHESTER-SDKH-59-24 Datasheet
76Kb / 1P
   PL, ANG, HN
SDKC-59-533 WINCHESTER-SDKC-59-533 Datasheet
52Kb / 1P
   PL, ANG, BNC
SD2065-1-9 WINCHESTER-SD2065-1-9 Datasheet
60Kb / 1P
   PL, 75 BNC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com