Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11132N Datasheet(PDF) 3 Page - Texas Instruments

Part # 74AC11132N
Description  QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT-TRIGGER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11132N Datasheet(HTML) 3 Page - Texas Instruments

  74AC11132N Datasheet HTML 1Page - Texas Instruments 74AC11132N Datasheet HTML 2Page - Texas Instruments 74AC11132N Datasheet HTML 3Page - Texas Instruments 74AC11132N Datasheet HTML 4Page - Texas Instruments 74AC11132N Datasheet HTML 5Page - Texas Instruments 74AC11132N Datasheet HTML 6Page - Texas Instruments 74AC11132N Datasheet HTML 7Page - Texas Instruments 74AC11132N Datasheet HTML 8Page - Texas Instruments 74AC11132N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74AC11132
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT-TRIGGER
SCAS113 – D3482, MARCH 1990 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–3
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.2
2.2
VT+
4.5 V
3.2
3.2
V
5.5 V
3.9
3.9
3 V
0.5
0.5
VT–
4.5 V
0.9
0.9
V
5.5 V
1.1
1.1
V
3 V
0.3
1.2
0.3
1.2
Vhys
(VT+ – VT )
4.5 V
0.4
1.4
0.4
1.4
V
(VT+ – VT– )
5.5 V
0.5
1.6
0.5
1.6
3 V
2.9
2.9
IOH = – 50 mA
4.5 V
4.4
4.4
5.5 V
5.4
5.4
VOH
IOH = – 4 mA
3 V
2.58
2.48
V
OH
IOH =24 mA
4.5 V
3.94
3.8
IOH = – 24 mA
5.5 V
4.94
4.8
IOH = – 75 mA{
5.5 V
3.85
3 V
0.1
0.1
IOL = 50 mA
4.5 V
0.1
0.1
5.5 V
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.44
V
OL
IOL =24mA
4.5 V
0.36
0.44
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA{
5.5 V
1.65
II
VI = VCC or GND
5.5 V
± 0.1
± 1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
mA
Ci
VI = VCC or GND
5 V
3.5
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
2.2
6.2
9.2
2.2
10.3
ns
tPHL
A or B
Y
2.8
6.8
9.8
2.8
10.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
1.8
4.2
6.9
1.8
7.5
ns
tPHL
A or B
Y
2.3
4.8
7.3
2.3
8
ns


Similar Part No. - 74AC11132N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11132N PHILIPS-74AC11132N Datasheet
132Kb / 5P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
October 20 1989
More results

Similar Description - 74AC11132N

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14093B HITACHI-HD14093B Datasheet
66Kb / 6P
   Quadruple 2-input NAND Schmitt Trigger
logo
NXP Semiconductors
HEF4093B PHILIPS-HEF4093B Datasheet
79Kb / 6P
   Quadruple 2-input NAND Schmitt trigger
January 1995
logo
Texas Instruments
SN54132 TI1-SN54132_15 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN54132 TI-SN54132 Datasheet
362Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN54132 TI-SN54132_07 Datasheet
928Kb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
logo
Renesas Technology Corp
HD74LS132 RENESAS-HD74LS132 Datasheet
89Kb / 7P
   Quadruple 2-Input Positive NAND Schmitt-triggers
logo
Hitachi Semiconductor
HD74LS132 HITACHI-HD74LS132 Datasheet
49Kb / 5P
   Quadruple 2-input Positive NAND Schmitt-triggers
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
logo
ON Semiconductor
MC74VHC1G132DTT1G ONSEMI-MC74VHC1G132DTT1G Datasheet
123Kb / 6P
   2-Input NAND Schmitt-Trigger
July, 2013 ??Rev. 21
MC74VHC1G135 ONSEMI-MC74VHC1G135_18 Datasheet
206Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com