Electronic Components Datasheet Search |
|
SSB64-1R0 Datasheet(PDF) 44 Page - NEC |
|
SSB64-1R0 Datasheet(HTML) 44 Page - NEC |
44 / 104 page Power Inductors VOL.10 44 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 SMD Type [mm] [mm] (8.6) 2.0±0.3 2.0±0.3 3.5 MAX 12.5±0.5 2.5 8.6 2.5 Shape and Dimensions Recommended Land Pattern *1 T= 40K rise at rated current. *2 Inductance drop 30% at rated current. ●Operating temperature range:−20to+120℃(Including self-temperature rise) PLC-1235-2R0S 2.0± 30% 15 6.7 12.3 9.1 PLC-1235-3R3S 3.3± 30% 19 6.0 9.6 7.1 PLC-1235-4R7S 4.7± 30% 27 5.4 8.5 6.5 PLC-1235-5R6S 5.6± 30% 35 4.5 7.7 6.0 PLC-1235-6R8S 6.8± 30% 39 4.3 6.7 5.1 PLC-1235-8R2S 8.2± 30% 53 3.6 6.2 4.6 PLC-1235-100S 10.0± 20% 58 3.5 6.0 4.5 PLC-1235-120S 12.0± 20% 65 3.2 5.9 4.4 PLC-1235-150S 15.0± 20% 77 3.1 5.4 4.0 PLC-1235-180S 18.0± 20% 120 2.2 4.8 3.3 PLC-1235-220S 22.0± 20% 140 2.1 4.3 3.0 PLC-1235-330S 33.0± 20% 170 1.8 3.3 2.5 Leadless Power Inductors PLC-1235 Series [RoHS Compliant] Leadless Power Inductors PLC-1235 Series [RoHS Compliant] Inductance DC resistance Rated current(A) Model at 100kHz, 1mA RDC(mΩ)max. Irms *1 Isat(Ref.) *2 (μH) at 20℃ at 100℃ Dot mark Lot No. Inductance |
Similar Part No. - SSB64-1R0 |
|
Similar Description - SSB64-1R0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |