Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F399 Datasheet(PDF) 6 Page - Texas Instruments

Part No. 74F399
Description  54F398 54F399 74F398 74F399 Quad 2-Port Register
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

74F399 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74F399 Datasheet HTML 2Page - Texas Instruments 74F399 Datasheet HTML 3Page - Texas Instruments 74F399 Datasheet HTML 4Page - Texas Instruments 74F399 Datasheet HTML 5Page - Texas Instruments 74F399 Datasheet HTML 6Page - Texas Instruments 74F399 Datasheet HTML 7Page - Texas Instruments 74F399 Datasheet HTML 8Page - Texas Instruments 74F399 Datasheet HTML 9Page - Texas Instruments 74F399 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Input Clock Frequency
100
140
80
100
MHz
tPLH
Propagation Delay
30
57
75
30
95
30
85
ns
tPHL
CPtoQorQ
30
68
90
30
115
30
100
’F398 33 ns
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
30
45
30
ts(L)
In to CP
30
45
30
ns
th(H)
Hold Time HIGH or LOW
10
15
10
th(L)
In to CP
10
15
10
ts(H)
Setup Time HIGH or LOW
75
105
85
ts(L)
S to CP (’F398)
75
105
85
ts(H)
Setup Time HIGH or LOW
75
95
85
ns
ts(L)
S to CP (’F399)
75
95
85
th(H)
Hold Time HIGH or LOW
0
0
0
th(L)
StoCP
0
0
0
tw(H)
CP Pulse Width
40
40
40
ns
tw(L)
HIGH or LOW
50
70
50
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn