Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSLV1A157M(40) Datasheet(PDF) 1 Page - NEC

Part # PSLV1A157M(40)
Description  PL/L Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PSLV1A157M(40) Datasheet(HTML) 1 Page - NEC

  PSLV1A157M(40) Datasheet HTML 1Page - NEC PSLV1A157M(40) Datasheet HTML 2Page - NEC PSLV1A157M(40) Datasheet HTML 3Page - NEC PSLV1A157M(40) Datasheet HTML 4Page - NEC PSLV1A157M(40) Datasheet HTML 5Page - NEC PSLV1A157M(40) Datasheet HTML 6Page - NEC PSLV1A157M(40) Datasheet HTML 7Page - NEC PSLV1A157M(40) Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
10
PS/L Series
Ultra Low ESR / RoHS Compliant
í FEATURES
bLead-free Type. RoHS Compliant.
bUltra-Low ESR.
bSame Dimension as E/SV series.
bHalogen free, Antimony free and Red Phosphorous free resin is applied to the exterior mold resin.
í DIMENSIONS [mm]
ZZ
H
LW1
W2
[J, P, A2, A cases]
[B3, B15, B2 cases]
[C2, C, V, D cases]
ZZ
H
LW1
W2
ZZ
H
L
W2
W1
(Unit: mm)
Case
code
EIA code
L
W1
W2
HZ
J
ï
1.6 ± 0.1
0.8 ± 0.1
0.6 ± 0.1
0.8 ± 0.1
0.3 ± 0.15
P
2012
2.0 ± 0.2
1.25 ± 0.2
0.9 ± 0.1
1.1 ± 0.1
0.5 ± 0.1
A2(U)
3216L
3.2 ± 0.2
1.6 ± 0.2
1.2 ± 0.1
1.1 ± 0.1
0.8 ± 0.2
A
3216
3.2 ± 0.2
1.6 ± 0.2
1.2 ± 0.1
1.6 ± 0.2
0.8 ± 0.2
B3(W)
3528L
3.5 ± 0.2
2.8 ± 0.2
2.2 ± 0.1
1.1 ± 0.1
0.8 ± 0.2
B15
ï
3.5 ± 0.2
2.8 ± 0.2
2.2 ± 0.1
1.4 ± 0.1
0.8 ± 0.2
B2(S)
3528
3.5 ± 0.2
2.8 ± 0.2
2.2 ± 0.1
1.9 ± 0.1
0.8 ± 0.2
C2
ï
6.0 ± 0.2
3.2 ± 0.2
2.2 ± 0.1
1.4 ± 0.1
1.3 ± 0.2
C
6032
6.0 ± 0.2
3.2 ± 0.2
2.2 ± 0.1
2.5 ± 0.2
1.3 ± 0.2
V
7343L
7.3 ± 0.2
4.3 ± 0.2
2.4 ± 0.1
1.9 ± 0.1
1.3 ± 0.2
D
7343
7.3 ± 0.2
4.3 ± 0.2
2.4 ± 0.1
2.8 ± 0.2
1.3 ± 0.2


Similar Part No. - PSLV1A157M(40)

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
   The Compact Power Transformer
More results

Similar Description - PSLV1A157M(40)

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1525-4-9 WINCHESTER-SD1525-4-9 Datasheet
99Kb / 1P
   PL, TPS
SD1525-3-9 WINCHESTER-SD1525-3-9 Datasheet
105Kb / 1P
   PL, TPS
SDKM-59-13 WINCHESTER-SDKM-59-13 Datasheet
43Kb / 1P
   PL, KM
SD2065-15-9 WINCHESTER-SD2065-15-9 Datasheet
40Kb / 1P
   PL, 75 BNC
SD2065-29-9 WINCHESTER-SD2065-29-9 Datasheet
47Kb / 1P
   PL, 75 BNC
SD2065-2-9 WINCHESTER-SD2065-2-9 Datasheet
72Kb / 1P
   PL, 75 BNC
SD2065-11-9 WINCHESTER-SD2065-11-9 Datasheet
76Kb / 1P
   PL, 75 BNC
SDKH-59-24 WINCHESTER-SDKH-59-24 Datasheet
76Kb / 1P
   PL, ANG, HN
SDKC-59-533 WINCHESTER-SDKC-59-533 Datasheet
52Kb / 1P
   PL, ANG, BNC
SD2065-1-9 WINCHESTER-SD2065-1-9 Datasheet
60Kb / 1P
   PL, 75 BNC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com