Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR882ADP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIR882ADP
Description  N-Channel 100 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR882ADP Datasheet(HTML) 3 Page - Vishay Siliconix

  SIR882ADP Datasheet HTML 1Page - Vishay Siliconix SIR882ADP Datasheet HTML 2Page - Vishay Siliconix SIR882ADP Datasheet HTML 3Page - Vishay Siliconix SIR882ADP Datasheet HTML 4Page - Vishay Siliconix SIR882ADP Datasheet HTML 5Page - Vishay Siliconix SIR882ADP Datasheet HTML 6Page - Vishay Siliconix SIR882ADP Datasheet HTML 7Page - Vishay Siliconix SIR882ADP Datasheet HTML 8Page - Vishay Siliconix SIR882ADP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 63367
S11-1662-Rev. A, 15-Aug-11
www.vishay.com
3
Vishay Siliconix
SiR882ADP
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
16
32
48
64
80
0.0
0.5
1.0
1.5
2.0
2.5
V
DS - Drain-to-Source Voltage (V)
V
GS = 2 V
V
GS = 10 V thru 4 V
V
GS = 3 V
0.006
0.007
0.008
0.009
0.010
0.011
0
16
32
48
64
80
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 7.5 V
V
GS = 10 V
0
2
4
6
8
10
0
9
18
27
36
45
Q
g - Total Gate Charge (nC)
V
DS = 50 V
V
DS = 75 V
V
DS = 25 V
I
D = 20 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
620
1240
1860
2480
3100
0
20
40
60
80
100
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 20 A
V
GS = 10 V
V
GS = 4.5 V


Similar Part No. - SIR882ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR882ADP VISHAY-SIR882ADP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-1
logo
Vishay Telefunken
SIR882ADP TFUNK-SIR882ADP Datasheet
341Kb / 13P
   N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SIR882ADP-T1-GE3 VISHAY-SIR882ADP-T1-GE3 Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-1
SIR882ADP-T1-GE3 VISHAY-SIR882ADP-T1-GE3 Datasheet
376Kb / 13P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
More results

Similar Description - SIR882ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com