Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSB15-330 Datasheet(PDF) 10 Page - NEC

Part # SSB15-330
Description  Power Inductors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB15-330 Datasheet(HTML) 10 Page - NEC

Back Button SSB15-330 Datasheet HTML 6Page - NEC SSB15-330 Datasheet HTML 7Page - NEC SSB15-330 Datasheet HTML 8Page - NEC SSB15-330 Datasheet HTML 9Page - NEC SSB15-330 Datasheet HTML 10Page - NEC SSB15-330 Datasheet HTML 11Page - NEC SSB15-330 Datasheet HTML 12Page - NEC SSB15-330 Datasheet HTML 13Page - NEC SSB15-330 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
SMD Type
Power Inductors VOL.10
10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
●MPC1055L1R0C
●MPC1250LR36C
●MPC1250LR50C
DC-Superposed Characteristics
[mm]
Numbering System
MPC - 1040 - LR36C
Series
Dimensions 10…W×D:11.5×10 mm  40…H:4.0 mm
Inductance R36…0.36μH
Shape and Dimensions
  Recommended Land Pattern
(2.1)
5.5 Max
11.7 Max
[Part No]
[Lot No]
3.3
3.3
5.9
(2.2)
5.0 Max
14.5 Max
[Part No]
[Lot No]
3.4
8.6
3.4
0.1
0.2
0.3
0.4
0.5
0.6
0.8
0.7
0
0
5
10
15
20
25
30
Idc
(A)
MPC0750LR60C
10
20
30
40
50
60
80
70
0
0.1
0.2
0.3
0.4
0.5
0
0
5
10
15
20
25
30
Idc
(A)
MPC1040LR36C
10
20
30
40
50
60
80
70
0
0.1
0.2
0.3
0.6
0.5
0.7
0
0
5
10
15
20
25
30
Idc
(A)
0.4
MPC1040LR45C
10
20
30
40
50
60
80
70
0
MPC0740LR42C
0.1
0.2
0.3
0.4
0.5
0.6
0
0
5
10
15
20
25
30
Idc
(A)
10
20
30
40
50
60
80
70
0
0.1
0.2
0.3
0.6
0.5
0.7
0
0
5
10
15
20
25
30
Idc
(A)
0.4
MPC1040LR56C
10
20
30
40
50
60
80
70
0
MPC1040LR88C
0
5
10
15
20
25
30
Idc
(A)
0.1
0.2
0.3
0.4
0.6
0.8
1.0
0.5
0.7
0.9
0
10
20
30
40
50
60
80
70
0


Similar Part No. - SSB15-330

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSB1003 SUPERWORLD-SSB1003 Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB1003-102MF SUPERWORLD-SSB1003-102MF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB1003-331MF SUPERWORLD-SSB1003-331MF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB1003-391MF SUPERWORLD-SSB1003-391MF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB1003-471MF SUPERWORLD-SSB1003-471MF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - SSB15-330

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com