Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ190A Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMCJ190A
Description  Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMCJ190A Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMCJ190A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ190A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ190A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ190A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMCJ14
SMCJ14C
GEH
BEH
14
15.6
19.8
1.0
25.8
58.1
5.0
SMCJ14A
SMCJ14CA
GEK
BEK
14
15.6
17.9
1.0
23.2
64.7
5.0
SMCJ15
SMCJ15C
GEL
BEL
15
16.7
21.1
1.0
26.9
55.8
5.0
SMCJ15A
SMCJ15CA
GEM
BEM
15
16.7
19.2
1.0
24.4
61.5
5.0
SMCJ16
SMCJ16C
GEN
BEN
16
17.8
22.6
1.0
28.8
52.1
5.0
SMCJ16A
SMCJ16CA
GEP
BEP
16
17.8
20.5
1.0
26.0
57.7
5.0
SMCJ17
SMCJ17C
GEQ
BEQ
17
18.9
23.9
1.0
30.5
49.2
5.0
SMCJ17A
SMCJ17CA
GER
BER
17
18.9
21.7
1.0
27.6
54.3
5.0
SMCJ18
SMCJ18C
GES
BES
18
20.0
25.3
1.0
32.2
46.6
5.0
SMCJ18A
SMCJ18CA
GET
BET
18
20.0
23.3
1.0
29.2
51.4
5.0
SMCJ20
SMCJ20C
GEU
BEU
20
22.2
28.1
1.0
35.8
41.9
5.0
SMCJ20A
SMCJ20CA
GEV
BEV
20
22.2
25.5
1.0
32.4
46.3
5.0
SMCJ22
SMCJ22C
GEW
BEW
22
24.4
30.9
1.0
39.4
38.1
5.0
SMCJ22A
SMCJ22CA
GEX
BEX
22
24.4
28.0
1.0
35.5
42.3
5.0
SMCJ24
SMCJ24C
GEY
BEY
24
26.7
33.8
1.0
43.0
34.9
5.0
SMCJ24A
SMCJ24CA
GEZ
BEZ
24
26.7
30.7
1.0
38.9
38.6
5.0
SMCJ26
SMCJ26C
GFD
BFD
26
28.9
36.6
1.0
46.6
32.2
5.0
SMCJ26A
SMCJ26CA
GFE
BFE
26
28.9
33.2
1.0
42.1
35.6
5.0
SMCJ28
SMCJ28C
GFF
BFF
28
31.1
39.4
1.0
50.0
30.0
5.0
SMCJ28A
SMCJ28CA
GFG
BFG
28
31.1
35.8
1.0
45.4
33.0
5.0
SMCJ30
SMCJ30C
GFH
BFH
30
33.3
42.2
1.0
53.5
28.0
5.0
SMCJ30A
SMCJ30CA
GFK
BFK
30
33.3
38.3
1.0
48.4
31.0
5.0
SMCJ33
SMCJ33C
GFL
BFL
33
36.7
46.5
1.0
59.0
25.4
5.0
SMCJ33A
SMCJ33CA
GFM
BFM
33
36.7
42.2
1.0
53.3
28.1
5.0
SMCJ36
SMCJ36C
GFN
BFN
36
40.0
50.7
1.0
64.3
23.3
5.0
SMCJ36A
SMCJ36CA
GFP
BFP
36
40.0
46.0
1.0
58.1
25.8
5.0
SMCJ40
SMCJ40C
GFQ
BFQ
40
44.4
56.3
1.0
71.4
21.0
5.0
SMCJ40A
SMCJ40CA
GFR
BFR
40
44.4
51.1
1.0
64.5
23.3
5.0
SMCJ43
SMCJ43C
GFS
BFS
43
47.8
60.5
1.0
76.7
19.6
5.0
SMCJ43A
SMCJ43CA
GFT
BFT
43
47.8
54.9
1.0
69.4
21.6
5.0
SMCJ45
SMCJ45C
GFU
BFU
45
50.0
63.3
1.0
80.3
18.7
5.0
SMCJ45A
SMCJ45CA
GFV
BFV
45
50.0
57.5
1.0
72.7
20.6
5.0
SMCJ48
SMCJ48C
GEH
BEH
48
53.3
67.5
1.0
85.5
17.5
5.0
SMCJ48A
SMCJ48CA
GEK
BEK
48
53.3
61.3
1.0
77.4
19.4
5.0
SMCJ51
SMCJ51C
GEL
BEL
51
56.7
71.8
1.0
91.1
16.5
5.0
SMCJ51A
SMCJ51CA
GEM
BEM
51
56.7
65.2
1.0
82.4
18.2
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Surface Mount TVS
http://www.luguang.cn
Email:lge@luguang.cn
SMCJ5.0---SMCJ440CA


Similar Part No. - SMCJ190A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SMCJ190A MERITEK-SMCJ190A Datasheet
259Kb / 4P
   Transient Voltage Suppressors
logo
Jiangsu High diode Semi...
SMCJ190A HDSEMI-SMCJ190A Datasheet
1Mb / 7P
   SMC Plastic-Encapsulate Diodes
logo
SUNMATE electronic Co.,...
SMCJ190A SUNMATE-SMCJ190A Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Formosa MS
SMCJ190A FORMOSA-SMCJ190A Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCJ190A LUGUANG-SMCJ190A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ190A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL1.4KESD5.0 MICROSEMI-MLL1.4KESD5.0 Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ11A LEIDITECH-5.0SMDJ11A Datasheet
1Mb / 8P
   TVS Surface Mount
logo
Microsemi Corporation
MLL14KESD5.0 MICROSEMI-MLL14KESD5.0 Datasheet
442Kb / 4P
   SURFACE MOUNT TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
Bourns Electronic Solut...
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com