Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5662IPFBRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC5662IPFBRG4
Description  DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5662IPFBRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC5662IPFBRG4 Datasheet HTML 3Page - Texas Instruments DAC5662IPFBRG4 Datasheet HTML 4Page - Texas Instruments DAC5662IPFBRG4 Datasheet HTML 5Page - Texas Instruments DAC5662IPFBRG4 Datasheet HTML 6Page - Texas Instruments DAC5662IPFBRG4 Datasheet HTML 7Page - Texas Instruments DAC5662IPFBRG4 Datasheet HTML 8Page - Texas Instruments DAC5662IPFBRG4 Datasheet HTML 9Page - Texas Instruments DAC5662IPFBRG4 Datasheet HTML 10Page - Texas Instruments DAC5662IPFBRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
DAC5662
www.ti.com ................................................................................................................................................................ SLAS425B – JULY 2004 – REVISED MAY 2007
Digital specifications over operating free-air temperature range, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input
VIH
High-level input voltage
2
3.3
V
VIL
Low-level input voltage
0
0.8
V
IIH
High-level input current
50
µA
IIL
Low-level input current
10
µA
IIH(GSET)
High-level input current, GSET pin
7
µA
IIL(GSET)
Low-level input current, GSET pin
-30
µA
IIH(MODE)
High-level input current, MODE pin
-30
µA
IIL(MODE)
Low-level input current, MODE pin
-80
µA
CI
Input capacitance
5
pF
Digital specifications over operating free-air temperature range, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Timing - Dual Bus Mode
tsu
Input setup time
1
ns
th
Input hold time
1
ns
tLPH
Input clock pulse high time
2
ns
tLAT
Clock latency (WRTA/B to outputs)
4
4
clk
tPD
Propagation delay time
1.5
ns
Timing - Single Bus Interleaved Mode
tsu
Input setup time
0.5
ns
th
Input hold time
0.5
ns
tLAT
Clock latency (WRTA/B to outputs)
4
4
clk
tPD
Propagation delay time
1.5
ns
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC5662


Similar Part No. - DAC5662IPFBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662IPFBRG4 TI-DAC5662IPFBRG4 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5662IPFBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com