Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5662 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5662
Description  DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5662 Datasheet(HTML) 3 Page - Texas Instruments

  DAC5662 Datasheet HTML 1Page - Texas Instruments DAC5662 Datasheet HTML 2Page - Texas Instruments DAC5662 Datasheet HTML 3Page - Texas Instruments DAC5662 Datasheet HTML 4Page - Texas Instruments DAC5662 Datasheet HTML 5Page - Texas Instruments DAC5662 Datasheet HTML 6Page - Texas Instruments DAC5662 Datasheet HTML 7Page - Texas Instruments DAC5662 Datasheet HTML 8Page - Texas Instruments DAC5662 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
DAC5662
www.ti.com ................................................................................................................................................................ SLAS425B – JULY 2004 – REVISED MAY 2007
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
DGND
15, 21
I
Digital ground
DVDD
16, 22
I
Digital supply voltage
EXTIO
43
I/O
Internal reference output (bypass with 0.1
µF to AGND) or external reference input.
GSET
42
I
Gain-setting mode: H - 1 resistor, L - 2 resistors. Internal pullup.
IOUTA1
46
O
DACA current output. Full-scale with all bits of DA high.
IOUTA2
45
O
DACA complementary current output. Full-scale with all bits of DA low.
IOUTB1
39
O
DACB current output. Full-scale with all bits of DB high.
IOUTB2
40
O
DACB complementary current output. Full-scale with all bits of DB low.
MODE
48
I
Mode Select: H – Dual Bus, L – Interleaved. Internal pullup.
13, 14, 35,
NC
-
No connection
36
Sleep function control input: H – DAC in power-down mode, L – DAC in operating mode. Internal
SLEEP
37
I
pulldown.
WRTA/WRTIQ
17
I
Input write signal for PORT A (WRTIQ in interleaving mode).
WRTB/SELEC
20
I
Input write signal for PORT B (SELECTIQ in interleaving mode).
TIQ
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
AVDD(2)
-0.5 V to 4 V
Supply voltage range
DVDD(3)
-0.5 V to 4 V
Voltage between AGND and DGND
-0.5 V to 0.5 V
Voltage between AVDD and DVDD
-0.5 V to 0.5 V
DA[11:0] and DB[11:0](3)
-0.5 V to DVDD + 0.5 V
MODE, SLEEP, CLKA, CLKB, WRTA, WRTB(3)
-0.5 V to DVDD + 0.5 V
Supply voltage range
IOUTA1, IOUTA2, IOUTB1, IOUTB2(2)
-1 V to AVDD + 0.5 V
EXTIO, BIASJ_A, BIASJ_B, GSET(2)
-0.5 V to AVDD + 0.5 V
Peak input current (any input)
+20 mA
Peak total input current (all inputs)
-30 mA
Operating free-air temperature range
-40 °C to 85 °C
Storage temperature range
-65 °C to 150 °C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to AGND.
(3)
Measured with respect to DGND.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC5662


Similar Part No. - DAC5662

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
[Old version datasheet]   DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662AIPFB TI1-DAC5662AIPFB Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662AIPFBG4 TI1-DAC5662AIPFBG4 Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5662

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com