Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL73V1H Datasheet(PDF) 1 Page - Tyco Electronics

Part # RL73V1H
Description  Up to 2 Watts at 70째C
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RL73V1H Datasheet(HTML) 1 Page - Tyco Electronics

  RL73V1H Datasheet HTML 1Page - Tyco Electronics RL73V1H Datasheet HTML 2Page - Tyco Electronics RL73V1H Datasheet HTML 3Page - Tyco Electronics RL73V1H Datasheet HTML 4Page - Tyco Electronics RL73V1H Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Key Features
n
Up to 2 Watts at 70°C
n
Values down to R10
n
8 chip sizes
n
Ideal for current
detection
n
Value marked on resistor
n
Sizes 0201 to 2512
n
0402, 0603, 0805, 1206,
2512 stocked in
distribution
n
New Higher Power Version
now available
Applications
n
Audio
n
Communications
n
Automotive
n
Low voltage power supplies
n
Power management
applications
SMD Low Ohmic - Current Sense Resistors
Type RL73 Series
1
1773269 CIS WR 02/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Characteristics - Electrical - Standard Power
TE Connectivity are pleased to offer this thick film chip resistor for current sensing positions.
It has a special metal glaze resistive element and a nickel barrier layer beneath the solder to
prolong terminal life. Following the developments by semiconductor manufacturers in the
production of a range of IC's for battery charge management and low voltage power
supplies, the RL73 Series satisfies the demand for a low ohmic shunt resistor to act as a
current sensor.
Type
TCR
Power rating
Resistance
TDF
TD
TE
Tape
@ 70°C
Range
RL73X1H
1000PPM
0.05W
R10 - R13
1000
5000
--
Paper tape
RL73V1H
600PPM
0.05W
R15 - R47
1000
5000
--
Paper tape
RL73N1H
300PPM
0.05W
R51 - R91
1000
5000
--
Paper tape
RL73N1E
300PPM
0.0625W
R10 - R91
1000
5000
--
Paper tape
RL73N1J
300PPM
0.1W
R10 - R91
1000
5000
--
Paper tape
RL73H2A
100PPM
0.125W
R10 - R91
1000
5000
--
Paper tape
RL73K2A
200PPM
0.125W
R10 - R91
1000
5000
--
Paper tape
RL73H2B
100PPM
0.25W
R10 - R91
1000
5000
--
Paper tape
RL73K2B
200PPM
0.25W
R10 - R91
1000
5000
--
Paper tape
RL73H2E
100PPM
0.5W
R10 - R91
1000
5000
--
Paper tape
RL73K2E
200PPM
0.5W
R10 - R91
1000
5000
--
Paper tape
RL73H2H
100PPM
0.75W
R10 - R91
1000
--
4000
Embossed plastic tape
RL73K2H
200PPM
0.75W
R10 - R91
1000
--
4000
Embossed plastic tape
RL73H3A
100PPM
1W
R10 - R91
1000
--
4000
Embossed plastic tape
RL73K3A
200PPM
1W
R10 - R91
1000
--
4000
Embossed plastic tape


Similar Part No. - RL73V1H

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RL73V1H TEC-RL73V1H Datasheet
177Kb / 5P
   Values down to R10
RL73V1H TEC-RL73V1H Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
RL73V1HR10FTD TEC-RL73V1HR10FTD Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
RL73V1HR10FTDF TEC-RL73V1HR10FTDF Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
RL73V1HR10FTDG TEC-RL73V1HR10FTDG Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
More results

Similar Description - RL73V1H

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
logo
FSP TECHNOLOGY INC.
FSP25-FZAP140G FSP-FSP25-FZAP140G Datasheet
59Kb / 1P
   50,000 hours at Tcase of ??70째C
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
FSP TECHNOLOGY INC.
FSP25-FZAP070G FSP-FSP25-FZAP070G Datasheet
59Kb / 1P
   50,000 hours at Tcase of ??70째C
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
logo
FSP TECHNOLOGY INC.
FSP25-FZAP105G FSP-FSP25-FZAP105G Datasheet
59Kb / 1P
   50,000 hours at Tcase of ??70째C
FSP25-FZAP035G FSP-FSP25-FZAP035G Datasheet
59Kb / 1P
   50,000 hours at Tcase of ??70째C
logo
Power Mate Technology C...
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com