Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA699M Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 4Page - Texas Instruments OPA699M Datasheet HTML 5Page - Texas Instruments OPA699M Datasheet HTML 6Page - Texas Instruments OPA699M Datasheet HTML 7Page - Texas Instruments OPA699M Datasheet HTML 8Page - Texas Instruments OPA699M Datasheet HTML 9Page - Texas Instruments OPA699M Datasheet HTML 10Page - Texas Instruments OPA699M Datasheet HTML 11Page - Texas Instruments OPA699M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
www.ti.com
Time (5ns/div)
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
V
O = 0.5VPP
See Figure 47
G007
Time (5ns/div)
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
V
O = 4VPP
V
H = -VL = 2.5V
See Figure 47
G008
Time (5ns/div)
2.5
2.0
1.5
1.0
0.5
−1.0
−1.5
−2.0
−2.5
V
IN
V
OUT
G010
G=+6
VL = −2V
VIN = 0→−0.7V
0
−0.5
Time (5ns/div)
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
G = +6
V
H = +2V
V
IN = 0 → 0.7V
V
OUT
V
IN
G009
Time (200ns/div)
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
G = +6
V
H = 2V
V
L = -2V
V
OUT
V
IN
G011
Time (50ns/div)
2.10
2.05
2.00
1.95
1.90
1.85
1.80
1.75
1.70
1.65
1.60
V
OUT
G012
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS: V
S = ±5 V (continued)
T
A = 25°C, G = +6, RF = 750 Ω, and RL = 500 Ω, VH = –VL = 2 V, unless otherwise noted
SMALL-SIGNAL PULSE RESPONSE
LARGE-SIGNAL PULSE RESPONSE
Figure 7.
Figure 8.
VH–LIMITED PULSE RESPONSE
VL–LIMITED PULSE RESPONSE
Figure 9.
Figure 10.
LIMITED OUTPUT RESPONSES
DETAIL OF LIMITED OUTPUT RESPONSE
Figure 11.
Figure 12.
8
Submit Documentation Feedback


Similar Part No. - OPA699M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA699MJD TI1-OPA699MJD Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results

Similar Description - OPA699M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698M TI-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA699 TI1-OPA699_14 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com