Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRD2032 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # CRD2032
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CRD2032 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button CRD2032 Datasheet HTML 5Page - Silicon Laboratories CRD2032 Datasheet HTML 6Page - Silicon Laboratories CRD2032 Datasheet HTML 7Page - Silicon Laboratories CRD2032 Datasheet HTML 8Page - Silicon Laboratories CRD2032 Datasheet HTML 9Page - Silicon Laboratories CRD2032 Datasheet HTML 10Page - Silicon Laboratories CRD2032 Datasheet HTML 11Page - Silicon Laboratories CRD2032 Datasheet HTML 12Page - Silicon Laboratories CRD2032 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Si4010-DK
Rev. 0.1
9
3. EC3 debug adapter
 Programming adapter User’s own application
In this setup, the user can incorporate the debugging capabilities into the final application using a cheap 4-pin
header connection.
2. Debugging an Application
To debug an application the user is provided with the Silicon Laboratories IDE (Integrated Development
Environment). The IDE has an integral help. This section is not a user manual for the IDE, but highlights the items
which are important when working with the IDE.
2.1. Installing the IDE and USB Debug Adapters
Download the Silicon Labs IDE (Integrated Dvelopment Environment) from the following URL:
http://www.silabs.com/products/mcu/Pages/SiliconLaboratoriesIDE.aspx and install it on your computer. The IDE
gets installed into its own directory. The main executable file is IDE.exe. The IDE works with the USB Debug
Adapter or the Toolstick Base Adapter, shown in the section above. When the IDE recognizes the Silicon Labs USB
debug adapters, it queries whether its internal firmware is compatible with the Si4010. If not, then it notifies the user
and requests permission to update the adapter's firmware. Silicon Labs also provides a program,
usb_debug_adapter_firmware_reset.exe
, to clear the adapter's firmware manually before connection to
the IDE. The program resides in the same directory as the IDE main executable.
With the Si4010 debugging chain it is required that the manual adapter firmware clearing is done for each USB
adapter before using the key fob debugging chain. That operation needs to be done only once per USB Debug
Adapter. The IDE will then program the correct firmware into the adapter.
The reset firmware executable will scan USB ports and give the user a list of connected Silicon Labs USB
adapters. The USB Debug Adapter name starts with EC. Users can have more than one USB adapter connected
to the computer.
2.2. Keil toolchain integration
The project files in examples assume that the Keil toolchain is installed into: C:\Keil directory. The location of
the Keil toolchain can be easily changed in the Silabs IDE in the Project—Tool Chain Integration menu. An
evaluation version of the Keil toolchain can be downloaded from the Keil website at http://www.keil.com/. This free
version has a 2 kB code limitation and starts the code at the 0x0800 address. The Keil free evaluation version can
be unlocked to become a 4 kB version with no code placement limitation by following the directions given in
application note AN104 about Keil toolchain integration and license management. Unlock code can be found on
the WDS CDROM in the root folder in the Keil_license_number.txt file. Contact your Silicon Laboratories sales
representative or distributor for application assistance.


Similar Part No. - CRD2032

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CRD2032 SILABS-CRD2032 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
CRD2032 SILABS-CRD2032 Datasheet
252Kb / 14P
   Si4010 KEY FOB DEMO KIT WITH AES CAPABILITY
CRD2032 SILABS-CRD2032 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
CRD2032 SILABS-CRD2032 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
More results

Similar Description - CRD2032

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
MSC-F930-PDK SILABS-MSC-F930-PDK Datasheet
1Mb / 17P
   EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
   Development Kit User Guide
Rev. 5 2021-10-22
logo
Silicon Laboratories
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
logo
Sciosense B.V.
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
   Development Kit User Guide
Revision: 4 Date: 2021-10-22
logo
Vicor Corporation
DKIT-AC-24-POL-00 VICOR-DKIT-AC-24-POL-00 Datasheet
1Mb / 5P
   Development Kit User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com