Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSLV0J157M Datasheet(PDF) 3 Page - NEC

Part # PSLV0J157M
Description  PL/L Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PSLV0J157M Datasheet(HTML) 3 Page - NEC

  PSLV0J157M Datasheet HTML 1Page - NEC PSLV0J157M Datasheet HTML 2Page - NEC PSLV0J157M Datasheet HTML 3Page - NEC PSLV0J157M Datasheet HTML 4Page - NEC PSLV0J157M Datasheet HTML 5Page - NEC PSLV0J157M Datasheet HTML 6Page - NEC PSLV0J157M Datasheet HTML 7Page - NEC PSLV0J157M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
PS/L Series
12
AG
Polarity
Marking Code
(DC Rated Voltage
and Capacitance)
J
Polarity
Marking Code
(DC Rated Voltage
and Capacitance)
FjA7
Polarity
Marking Code
(DC Rated Voltage
and Capacitance)
Marking Code
(DC Rated Voltage
and Capacitance)
Production Date Code
NE R
jE7
Polarity
Production Date Code
NE for NeoCapacitor
NE for NeoCapacitor
Marking Code
(DC Rated Voltage
and Capacitance)
Polarity
Production Date Code
NE R
jE8
[P case] (ex. 10
F / 4 V)
[J case] (ex. 4.7
F / 6.3 V)
[A2, A cases] (ex. 10
F / 6.3 V)
[B3, B15, B2 cases] (ex. 15
F / 6.3 V)
[C2, C, V, D cases] (ex. 150
F / 6.3 V)
[A2, A, B3, B15, B2, C2, C, V, D cases production date code]
[J case Marking Code]
[P case Marking Code]
[A2, A, B3, B15, B2, C2, C, V, D cases Marking Code]
UR
J
A
4V
2.5V
e
g
jA
C
D
E
2.5V
4V
6.3V
10V
20V
25V
16V
4V
6.3V
10V16V
10
6.8
4.7
3.3
2.2
22
15
10
6.8
4.7
3.3
2.2
1.0
1000
680
470
330
220
150
100
68
47
33
22
15
10
6.8
4.7
3.3
A9
W8
S8
N8
J8
E8
A8
W7
S7
N7
J7
E7
A7
W6
S6
N6
eN7
eS7
eA8
eJ8
eN8
eS8
eW8
eA9
gA7
gJ7
gN7
gS7
gW7
gA8
gE8
gJ8
gN8
gS8
gW8
jW6
jA7
jE7
jJ7
jN7
jS7
jW7
jA8
jE8
jJ8
jN8
AN6
AS6
AW6
AA7
AE7
AJ7
AN7
AS7
AW7
AA8
AE8
AJ8
CN6
CS6
CW6
CA7
CN7
CS7
CW7
DJ7
DN7
DS7
EW6
EE7
EJ7
EN7
6.3V
10V
F
F
F
NJ
SJ
WJ
AG
AJ
Je
JG
AA
UR
UR
NOTE: Production date code will resume beginning in 2015.
Jan. Feb. Mar. Apr. May. Jun. Jul. Aug. Sep. Oct. Nov. Dec.
2011
ab
c
d
e
f
g
h
j
k
l
m
2012
np
q
r
s
t
u
v
w
x
y
z
2013
AB
CD
E
F
G
H
J
K
L
M
2014
NP
Q
R
S
T
UV
W
X
Y
Z
M
Y
UR :Rated Voltage


Similar Part No. - PSLV0J157M

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
   The Compact Power Transformer
More results

Similar Description - PSLV0J157M

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1525-4-9 WINCHESTER-SD1525-4-9 Datasheet
99Kb / 1P
   PL, TPS
SD1525-3-9 WINCHESTER-SD1525-3-9 Datasheet
105Kb / 1P
   PL, TPS
SDKM-59-13 WINCHESTER-SDKM-59-13 Datasheet
43Kb / 1P
   PL, KM
SD2065-15-9 WINCHESTER-SD2065-15-9 Datasheet
40Kb / 1P
   PL, 75 BNC
SD2065-29-9 WINCHESTER-SD2065-29-9 Datasheet
47Kb / 1P
   PL, 75 BNC
SD2065-2-9 WINCHESTER-SD2065-2-9 Datasheet
72Kb / 1P
   PL, 75 BNC
SD2065-11-9 WINCHESTER-SD2065-11-9 Datasheet
76Kb / 1P
   PL, 75 BNC
SDKH-59-24 WINCHESTER-SDKH-59-24 Datasheet
76Kb / 1P
   PL, ANG, HN
SDKC-59-533 WINCHESTER-SDKC-59-533 Datasheet
52Kb / 1P
   PL, ANG, BNC
SD2065-1-9 WINCHESTER-SD2065-1-9 Datasheet
60Kb / 1P
   PL, 75 BNC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com