Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si4770-A20-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si4770-A20-GM
Description  HIGH-PERFORMANCE CONSUMER ELECTRONICS
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4770-A20-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  Si4770-A20-GM Datasheet HTML 1Page - Silicon Laboratories Si4770-A20-GM Datasheet HTML 2Page - Silicon Laboratories Si4770-A20-GM Datasheet HTML 3Page - Silicon Laboratories Si4770-A20-GM Datasheet HTML 4Page - Silicon Laboratories Si4770-A20-GM Datasheet HTML 5Page - Silicon Laboratories Si4770-A20-GM Datasheet HTML 6Page - Silicon Laboratories Si4770-A20-GM Datasheet HTML 7Page - Silicon Laboratories Si4770-A20-GM Datasheet HTML 8Page - Silicon Laboratories Si4770-A20-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Rev. 0.9 6/12
Copyright © 2012 by Silicon Laboratories
Si4770/77-A20
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si4770/77-A20
H IGH-P ERFORMANCE C ONSUMER E LECTRONICS
B ROADCAST R ADIO R ECEIVER AND HD R ADIO TUNER
Features
Applications
Description
The Si4770/77-A20 broadcast receiver and HD Radio tuner (Si4777 only)
employs an advanced, proven digital low-IF architecture to bring
outstanding receiver performance to high-performance consumer
electronics.
Worldwide FM band support
(64–108 MHz)
Worldwide AM band support
(520–1710 kHz)
AM/FM HD Radio support
(Si4777 only)
Comprehensive signal quality
metrics: RSSI, SNR, multipath
interference, frequency offset,
adjacent channel RSSI,
frequency deviation, and image
RSSI
Advanced patented RDS soft-
decision decoder
Advanced, patented FM channel
equalizer for multipath
interference
Dynamic AM/FM channel
bandwidth control
Programmable AM/FM soft mute
FM stereo-mono blend
FM hi-blend control
AM/FM hi-cut control
AM lo-cut filter
L/R analog and digital (I2S) audio
outputs
Digital Low-IF architecture
Frequency synthesizer with fully
integrated PLL-VCO
Fully integrated AM/FM front-end
including high performance LNA,
AGC with integrated resistor and
capacitor banks, and RF and IF
peak detectors
Integrated crystal oscillator
Digital (I2S) Zero-IF AM/FM I/Q
outputs (Si4777 only)
1.2 to 5 V power supplies
QFN 40-pin, 6x6x0.85 mm

Pb-free/RoHS compliant
Audio/video receivers
Consumer electronics
Boom boxes
Home theater systems
Patents pending
Ordering Information:
See page 49.
Pin Assignments
Si4770/77-A20
NC/IQCLK
23
NC/IQFS
24
NC/IOUT
25
NC/QOUT
26
DOUT
27
DFS
28
DCLK
29
NC/BLEND
30
NC
8
FMI
7
FMO
6
RFREG
5
RFGND
4
FMXIN
3
FMXIP
2
NC
1
AMI
10
NC
9
DBYP
21
VIO2
22
GND PAD


Similar Part No. - Si4770-A20-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4770-A20 SILABS-SI4770-A20 Datasheet
1,004Kb / 3P
   High-Performance Consumer Electronics Broadcast Radio Receiver and HD Radio Tuner
More results

Similar Description - Si4770-A20-GM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
SI4770-A20 SILABS-SI4770-A20 Datasheet
1,004Kb / 3P
   High-Performance Consumer Electronics Broadcast Radio Receiver and HD Radio Tuner
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Siemens Semiconductor G...
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
logo
List of Unclassifed Man...
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
   Low-Cost Consumer Electronics Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com