Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC2932 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC2932
Description  Dual, 12-Bit, 40MSPS Digital-to-analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC2932 Datasheet(HTML) 1 Page - Texas Instruments

  DAC2932 Datasheet HTML 1Page - Texas Instruments DAC2932 Datasheet HTML 2Page - Texas Instruments DAC2932 Datasheet HTML 3Page - Texas Instruments DAC2932 Datasheet HTML 4Page - Texas Instruments DAC2932 Datasheet HTML 5Page - Texas Instruments DAC2932 Datasheet HTML 6Page - Texas Instruments DAC2932 Datasheet HTML 7Page - Texas Instruments DAC2932 Datasheet HTML 8Page - Texas Instruments DAC2932 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SBAS279D − AUGUST 2003 − REVISED JULY 2005
Dual, 12Bit, 40MSPS
DigitaltoAnalog Converter
DAC2932
FEATURES
D Dual, 12-Bit, 40MSPS Current Output DAC
D Four 12-Bit Voltage Output DACs—for
Transmit Control
D Single +3V Operation
D Very Low Power: 29mW
D High SFDR: 75dB at fOUT = 5MHz
D Low-Current Standby or Full Power-Down
Modes
D Internal Reference
D Optional External Reference
D Adjustable Full-Scale Range: 0.5mA to 2mA
APPLICATIONS
D Transmit Channels
− I and Q
− PC Card Modems: GPRS, CDMA
− Wireless Network Cards (NICs)
D Signal Synthesis (DDS)
D Portable Medical Instumentation
D Arbitrary Waveform Generation (AWG)
DESCRIPTION
The DAC2932 is a dual 12-bit, current-output
digital-to-analog converter (DAC) designed to combine the
features of high dynamic range and very low power
consumption. The DAC2932 converter supports update
rates of up to 40MSPS. In addition, the DAC2932 features
four 12-bit voltage output DACs, which can be used to
perform system control functions.
The advanced segmentation architecture of the DAC2932
is optimized to provide a high spurious-free dynamic range
(SFDR).
The DAC2932 has a high impedance (> 200kΩ) differential
current output with a nominal range of 2mA and a
compliance voltage of up to 0.8V. The differential outputs
allow for either a differential or single-ended analog signal
interface. The close matching of the current outputs
ensures superior dynamic performance in the differential
configuration, which can be implemented with a
transformer. Using a small geometry CMOS process, the
monolithic DAC2932 is designed to operate within a
single-supply range of 2.7V to 3.3V. Low power
consumption
makes
it
ideal
for
portable
and
battery-operated systems. Further optimization by
lowering the output current can be realized with the
adjustable full-scale option. The full-scale output current
can be adjusted over a span of 0.5mA to 2mA.
For noncontinuous operation of the DAC2932, a full
power-down mode can reduce the power dissipation to as
little as 25μW.
The DAC2932 is designed to operate with a single parallel
data port. While it alternates the loading of the input data
into separate input latches for both current output DACs
(I-DACs), the updating of the analog output signal occurs
simultaneously. The DAC2932 integrates a temperature
compensated 1.22V bandgap reference. The DAC2932
also allows for additional flexibility of using an external ref-
erence.
The DAC2932 is available in a TQFP-48 package.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright © 2003−2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - DAC2932

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2932 TI-DAC2932 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
logo
Burr-Brown (TI)
DAC2932PFBR BURR-BROWN-DAC2932PFBR Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
DAC2932PFBT BURR-BROWN-DAC2932PFBT Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
DAC2932PFBTG4 BURR-BROWN-DAC2932PFBTG4 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
More results

Similar Description - DAC2932

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5220 BURR-BROWN-ADS5220 Datasheet
433Kb / 20P
   12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com