Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSL206MRL Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSL206MRL
Description  New Products, Tips and Tools for Power and Mobile Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL206MRL Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSL206MRL Datasheet HTML 2Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 3Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 4Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 5Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 6Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 7Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 8Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 9Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
P-CHANNel PowerTrench® MOSFeTs
Save Space and Manage Thermal Issues
in Mobile Designs
Designers of mobile devices are challenged to save space, increase efficiency
and manage thermal issues in their end applications. Now minimizing both board
space and R
DS(ON) in a miniature form factor is possible with the FDZ661PZ
and FDZ663P P-channel, 1.5V specified PowerTrench® thin WLCSP MOS-
FETs. These advanced WLCSP MOSFETs use a state-of-the-art “fine pitch,”
thin WLCSP packaging process which enables the devices to combine excel-
lent thermal transfer characteristics, ultra-low profile (<0.4mm) and small
(0.8mm x 0.8mm) packaging, low gate charge, and low R
DS(ON).
Advantages
• Occupiesonly0.64mm2of
PCBarea
• Ultra-thinpackage:lessthan
0.4mmheightwhenmounted
toPCB
• Excellentthermal
characteristics
• HBMESDprotectionlevel
2kV(FDZ661PZ)
Applications
• Batterymanagement
• Loadswitch
• Batteryprotection
For more information, please visit:
fairchildsemi.com/pf/FD/FDZ661PZ.html
fairchildsemi.com/pf/FD/FDZ663P.html
State-of-the-Art Fine Pitch,Thin WLCSP for Mobile Devices
Product
Number
BV
DSS
(V)
V
GS
(V)
V
GS(th) (V) Typ
R
DS(ON)
(mΩ)
Max
Q
g Typ
(nC) @
V
GS =
4.5V
i
D
(A)
P
D
(W)
Package
FDZ661PZ
-20
±8
-1.5V
GS
- 4.5V
GS
6.3
8.8
-2.6
0.4
WlCSP
(0.8mm x 0.8mm)
315mΩ
140mΩ
FDZ663P
-20
±8
-1.5V
GS
- 4.5V
GS
5.9
8.2
-2.7
0.4
WlCSP
(0.8mm x 0.8mm)
288mΩ
134mΩ


Similar Part No. - FSL206MRL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL206MRL FAIRCHILD-FSL206MRL Datasheet
911Kb / 14P
   Green Mode Fairchild Power Switch (FPS??
logo
ON Semiconductor
FSL206MRL ONSEMI-FSL206MRL Datasheet
528Kb / 16P
   Green Mode Power Switch
March, 2020 ??Rev. 4
FSL206MRLX ONSEMI-FSL206MRLX Datasheet
528Kb / 16P
   Green Mode Power Switch
March, 2020 ??Rev. 4
More results

Similar Description - FSL206MRL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6756MRMY FAIRCHILD-FAN6756MRMY Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
FDMA905P FAIRCHILD-FDMA905P Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
   L638xE tricks and tips
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
   System PMIC for Mobile and Automotive Applications
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
   Troubleshooting and Design Tips
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Linx Technologies
ANT-ELE-S01-010 LINX-ANT-ELE-S01-010 Datasheet
382Kb / 2P
   Ideal for both stationary and mobile applications
12/2/13
logo
Renesas Technology Corp
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com