Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-55C Datasheet(PDF) 25 Page - NEC

Part # D-55C
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D-55C Datasheet(HTML) 25 Page - NEC

Back Button D-55C Datasheet HTML 21Page - NEC D-55C Datasheet HTML 22Page - NEC D-55C Datasheet HTML 23Page - NEC D-55C Datasheet HTML 24Page - NEC D-55C Datasheet HTML 25Page - NEC D-55C Datasheet HTML 26Page - NEC D-55C Datasheet HTML 27Page - NEC D-55C Datasheet HTML 28Page - NEC D-55C Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
25
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
• Tape and Reel Dimensions (see page 39)
bSBT-02„„
7.5 max.
5.0±0.5
(ø0.6)
3.0 max.
Shape and Dimensions
SBT Series
[RoHS Compliant]
SBT Series
[RoHS Compliant]
10
50
100
500
1K
5K
10K
0260
0.1
1
10
100
500
Frequency (MHz)
0210
0208
0240
Impedance vs. Frequency
SBT-0208
„
50
500
8±50%
20
–25 to +70
SBT-0210
„
50
500
10±50%
20
–25 to +70
Bulk (100pcs.)
SBT-0240
„
50
500
40±35%
34
–25 to +70
SBT-0260
„
50
500
60±35%
50
–25 to +70
Rated voltage
Rated current
Inductance
DC resistance
Operating
Model
(1kHz, 70mA)
temperature range
Packaging
DC (V)
(mA)
(µH)
(m ) max.
(˚C)
Taping (2000 pcs./ reel x 6),
Flat taping (1000pcs./ box x 10)
TF
T
[mm]
DIP Type
Normal Mode


Similar Part No. - D-55C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
D-50 MEANWELL-D-50 Datasheet
391Kb / 2P
   50W Dual Output Switching Power Supply
logo
Tyco Electronics
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
D-500-0463-613 MACOM-D-500-0463-613 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
D-500-0463-614 MACOM-D-500-0463-614 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
D-500-0463-H06 MACOM-D-500-0463-H06 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
More results

Similar Description - D-55C

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
   DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
   DC POWER LINE FILTER
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-50-UW CUI-VFM-50-UW_V01 Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70 Datasheet
787Kb / 7P
   DC POWER LINE FILTER
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
   DC POWER LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com