Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-16C Datasheet(PDF) 43 Page - NEC

Part # D-16C
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D-16C Datasheet(HTML) 43 Page - NEC

Back Button D-16C Datasheet HTML 37Page - NEC D-16C Datasheet HTML 38Page - NEC D-16C Datasheet HTML 39Page - NEC D-16C Datasheet HTML 40Page - NEC D-16C Datasheet HTML 41Page - NEC D-16C Datasheet HTML 42Page - NEC D-16C Datasheet HTML 43Page - NEC D-16C Datasheet HTML 44Page - NEC D-16C Datasheet HTML 45Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
43
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SMD Type
[mm]
[mm]
M-608T/M-614T/M-620T (conforms to EIAJ RC-1009) (1500pcs./reel)
Dimensions of indented square-hole plastic tape
W2
A
C
E
D
r
W1
T1
K
T2
Sprocket hole
øD0
Indented square-hole for fitting chips
Chip fitted on square-hole
A
P1
P2
P0
Forward direction
AB
W
F
E
P1
P2
P0
D0
T1
T2
K
±0.3
±0.3
±0.3
±0.1
±0.1
±0.1
±0.1
±0.1 +0.1, – 0 max.
max.
max.
6.4
10.2
16.0
7.5
1.75
8.0
2.0
4.0
1.5
0.6
6.5
6.4
AB
C
D
E
r
W1
W2
±3.0
±2.0
±0.2
±0.8
±0.5
max.
+6, – 0
330
79
13.0
21.0
2.0
1.0
25.0
16.0
Reel dimensions
[mm]
B
16±0.3
DCM5 Series
8
6.3
8.3
7.5
1.75
5.2
0.38±0.05
CD
E
F
G
H
Model
G
C
H
D
B
4
2
±0.1
±0.1
±0.05
DCM5 Series(2000pcs. /reel)
Dimensions of indented square-hole plastic tape


Similar Part No. - D-16C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-100A MACOM-D-100A Datasheet
52Kb / 1P
   D-100A 3PST N.O., 120 Amps,115/200 VAC, 400 Hz
logo
PANDUIT CORP.
D-101-31 PANDUIT-D-101-31 Datasheet
35Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-101-31-ND PANDUIT-D-101-31-ND Datasheet
35Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-101-33 PANDUIT-D-101-33 Datasheet
36Kb / 1P
   SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD
D-101-34 PANDUIT-D-101-34 Datasheet
36Kb / 1P
   SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD
More results

Similar Description - D-16C

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
   DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
   DC POWER LINE FILTER
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-50-UW CUI-VFM-50-UW_V01 Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70 Datasheet
787Kb / 7P
   DC POWER LINE FILTER
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
   DC POWER LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com