Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPQ2625 Datasheet(PDF) 4 Page - NEC

Part # FPQ2625
Description  Ferrite Cores
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FPQ2625 Datasheet(HTML) 4 Page - NEC

  FPQ2625 Datasheet HTML 1Page - NEC FPQ2625 Datasheet HTML 2Page - NEC FPQ2625 Datasheet HTML 3Page - NEC FPQ2625 Datasheet HTML 4Page - NEC FPQ2625 Datasheet HTML 5Page - NEC FPQ2625 Datasheet HTML 6Page - NEC FPQ2625 Datasheet HTML 7Page - NEC FPQ2625 Datasheet HTML 8Page - NEC FPQ2625 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
12) Take note of the following information when selecting mem-
bers (bobbin, metal fittings, tape, adhesives, saturants, and coat-
ings) to use in combination with the ferrite core.
1
Members that do not corrode or react.
2
Members with coefficients of thermal expansion as close
as possible to ferrite.
3
Members that do not add thermal shock (such as casting
chemicals).
4
Members that can withstand transformer heat genera
tion, and particularly those that do not were down wires.
13) The coefficients of thermal expansion for the ferrite core and
bobbin differ greatly. Securing the core and bobbin with satu-
rants and adhesives will cause the bobbin to expand from heating
when the adhesive hardens or heat release during operation.
This will place stress on the core, possibly causing it to break.
Allow sufficient clearance between the core and bobbin.
14) When there is unbalance from a circuit being split two or
more times, the flux will concentrate on the side where the flow is
the easiest and may result in abnormal heating and even fire.
15) When a bifilar wiring is made by, for example, a wire con-
tainer, and the wire gage and length is different or the number of
coils are different, the electrical current will tend to flow in only the
easiest way, resulting in heating and fire.
16) Designs should keep abnormal current resulting from a prob-
lem in another circuit from flowing into the transformer.
17) When used as a transformer, heat will be released. Designs
should ensure that surrounding parts will not deteriorate or be
destroyed by that heat.
18) Regarding equipment where the user is able to touch the
core, make sure to provide extensive warnings and instructions
to the user so they will not get shocked or burned by touching the
core.
Precautions Before Use
Notes on Design
1) When selecting the material and shape for the ferrite core,
strictly observe the limits given in the catalog (product manual)
regarding such things as the L value, maximum saturation, mag-
netic flux density, and core loss.
2) Select a ferrite core having temperature and frequency proper-
ties for the core loss that meet the demands of the equipment to
be used.
3) Abnormal heat release may result if used under high frequen-
cies or in strong magnetic fields. Select a ferrite core that has the
appropriate properties such as a low core loss.
4) In an environment where the Curie point is exceeded, the fer-
rite core may lose its intrinsic properties, causing the equipment
to malfunction. Use only in a temperature range that stays below
the Curie point.
5) Give careful consideration to the balance of the ferrite core's
thickness when designing a shape.
6) When designing a bobbin, set measurements and select bob-
bin materials that meet the requirements (frame class, thickness,
HWI, HAI, HVTR, CTI, and D495) of safety standards such as
UL.
7) Working on the coil could destroy the ferrite core owing to the
coil's thickness or damage the coil itself, so designs should pro-
vide adequate clearance between the core and coil.
8) For inserting the ferrite core into a case, designs should pro-
vide adequate clearance between the core and case. The core
may break unnecessary force is applied.
9) The insulation resistance of the ferrite core is not high. Do not
use it as an insulator. Also, do not use it for other purposes (such
as electrical circuit element).
10) For ferrite cores that have low resistivity such as Mn-Zn
cores, make sure to provide sufficient insulation with insulation
protection covers and tape, etc.
11) When resins such as adhesives, saturants, and coatings are
used, excessive stress may arise in the ferrite core owing to the
difference in coefficients of thermal expansion, resulting in the
core breaking. It is best not to use such resins, but if their use
cannot be avoided, use one with a coefficient of thermal expan-
sion that is close to that of the core. In addition, select non-corro-
sive resin for the core and members to be used.
19) Since leakage flux may cause equipment to malfunction,
check in advance for its effects on the equipment you are using
and ueardy equipment, and then take the appropriate actions.
Ferrite Cores VOL.05
4
フェライトコア5版_E 10.1.23 13:24 ページ 4


Similar Part No. - FPQ2625

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
FPQ1553-10 PULSE-FPQ1553-10 Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
FPQ1553-10 PULSE-FPQ1553-10 Datasheet
487Kb / 3P
   Dual Ratio SMT QPL Pulse Transformers
FPQ1553-45 PULSE-FPQ1553-45 Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
FPQ1553-45 PULSE-FPQ1553-45 Datasheet
487Kb / 3P
   Dual Ratio SMT QPL Pulse Transformers
FPQ1553-6 PULSE-FPQ1553-6 Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
More results

Similar Description - FPQ2625

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
logo
YUXIANG Magnetc materia...
EE85A YUXIANG-EE85A Datasheet
105Kb / 2P
   Large Size Ferrite Cores
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
PREMO CORPORATION S.L
PM400-04HA PREMO-PM400-04HA Datasheet
378Kb / 5P
   Common mode chokes with Ferrite cores
PC470-3V1 PREMO-PC470-3V1 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
SC-050-X PREMO-SC-050-X Datasheet
166Kb / 2P
   Common mode chokes with Ferrite cores-SMD format
logo
Panasonic Semiconductor
KR16TT090610 PANASONIC-KR16TT090610 Datasheet
202Kb / 6P
   Panasonic Industrial Company FERRITE CORES FOR NOISE REDUCTION
logo
PREMO CORPORATION S.L
HC140-02V1 PREMO-HC140-02V1 Datasheet
1Mb / 6P
   Common mode chokes with Nanocrystalline cores & Common mode chokes with Ferrite cores - SMD format
logo
Panasonic Semiconductor
ELC-08D100E PANASONIC-ELC-08D100E Datasheet
551Kb / 8P
   Adoption of High -m and High Bm ferrite cores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com