Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBT-0115W Datasheet(PDF) 42 Page - NEC

Part No. SBT-0115W
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SBT-0115W Datasheet(HTML) 42 Page - NEC

Back Button SBT-0115W Datasheet HTML 37Page - NEC SBT-0115W Datasheet HTML 38Page - NEC SBT-0115W Datasheet HTML 39Page - NEC SBT-0115W Datasheet HTML 40Page - NEC SBT-0115W Datasheet HTML 41Page - NEC SBT-0115W Datasheet HTML 42Page - NEC SBT-0115W Datasheet HTML 43Page - NEC SBT-0115W Datasheet HTML 44Page - NEC SBT-0115W Datasheet HTML 45Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
42
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SMD Type
[mm]
[mm]
M-532CT (conforms to EIAJ RC-1009) (1000pcs./reel)
Dimensions of indented square-hole plastic tape
W2
A
C
E
D
r
W1
T1
K
T2
Sprocket hole
øD0
Indented square-hole for fitting chips
Chip fitted on square-hole
A
P1
P2
P0
Forward direction
AB
W
F
E
P1
P2
P0
D0
T1
T2
K
±0.3
±0.3
±0.3
±0.1
±0.1
±0.1
±0.1
±0.1
+0.1, –0
max.
max.
max.
7.9
9.4
16.0
7.5
1.75
12.0
2.0
4.0
1.5
0.6
6.9
6.8
AB
C
D
E
r
W1
W2
±3.0
±2.0
±0.2
±0.8
±0.5
max.
+6, – 0
330
80
13.0
21.0
2.0
1.0
25.0
16.0
Reel dimensions
[mm]
[mm]
M-542CT (conforms to EIAJ RC-1009) (1000pcs./reel)
Dimensions of indented square-hole plastic tape
W2
A
C
E
D
r
W1
T1
K
T2
Sprocket hole
øD0
Indented square-hole for fitting chips
Chip fitted on square-hole
A
P1
P2
P0
Forward direction
AB
W
F
E
P1
P2
P0
D0
T1
T2
K
±0.3
±0.3
±0.3
±0.1
±0.1
±0.1
±0.1
±0.1
+0.1, –0
max.
max.
max.
9.5
10.5
16.0
7.5
1.75
12.0
2.0
4.0
1.5
0.6
7.2
7.0
AB
C
D
E
r
W1
W2
±3.0
±2.0
±0.2
±0.8
±0.5
max.
+6, – 0
330
100
13.0
21.0
2.0
1.0
25.0
17.5±0.5
Reel dimensions
[mm]
[mm]
M-538CT (conforms to EIAJ RC-1009) (1500pcs./reel)
Dimensions of indented square-hole plastic tape
W2
A
C
E
D
r
W1
T1
K
T2
Sprocket hole
øD0
Indented square-hole for fitting chips
Chip fitted on square-hole
A
P1
P2
P0
Forward direction
AB
W
F
E
P1
P2
P0
D0
T1
T2
K
±0.3
±0.3
±0.3
±0.1
±0.1
±0.1
±0.1
±0.1
+0.1, –0
max.
max.
max.
7.9
9.4
16.0
7.5
1.75
12.0
2.0
4.0
1.5
0.6
4.6
4.5
AB
C
D
E
r
W1
W2
±3.0
±2.0
±0.2
±0.8
±0.5
max.
+6, – 0
330
80
13.0
21.0
2.0
1.0
25.0
16.0
Reel dimensions


Similar Part No. - SBT-0115W

ManufacturerPart No.DatasheetDescription
Kemet Corporation
Kemet Corporation
SBT-0115W KEMET-SBT-0115W Datasheet
103Kb / 1P
   KEMET, SBT-01W, DC Line Filters, Common Mode, 5000 nH
More results

Similar Description - SBT-0115W

ManufacturerPart No.DatasheetDescription
CUI INC
CUI INC
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
   DC POWER LINE FILTER
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
   DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
   DC POWER LINE FILTER
VFM-50 CUI-VFM-50 Datasheet
792Kb / 7P
   DC POWER LINE FILTER
VFM-50-UW CUI-VFM-50-UW Datasheet
810Kb / 7P
   DC POWER LINE FILTER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz