Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDDS100H06_F085 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FDDS100H06_F085
Description  New Products, Tips and Tools for Power and Mobile Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDDS100H06_F085 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FDDS100H06_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDDS100H06_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDDS100H06_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDDS100H06_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDDS100H06_F085 Datasheet HTML 8Page - Fairchild Semiconductor FDDS100H06_F085 Datasheet HTML 9Page - Fairchild Semiconductor FDDS100H06_F085 Datasheet HTML 10Page - Fairchild Semiconductor FDDS100H06_F085 Datasheet HTML 11Page - Fairchild Semiconductor FDDS100H06_F085 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
40/60/80V PowerTrench® MOSFeTs
Mid-Voltage MOSFETs Enhance Synchronous
Rectification in SMPS Designs
Designers of AC-DC power systems need cost-effective power supply solutions
that minimize board space while increasing efficiency and reducing power dissi-
pation. Power density and light-load efficiency improvement are also key issues.
Part of the expanded PowerTrench® MOSFET family, Fairchild’s newest
mid-voltage power MOSFET portfolio of optimized power switches meets these
needs. The family combines a small gate charge (Q
g), a small reverse recovery
charge (Q
rr) and a soft-reverse recovery body diode, allowing for fast switch-
ing speeds. Available in a 40V, 60V and 80V rating, these devices require less
snubber circuitry due to an optimized soft-body diode that reduces voltage spikes
by up to 15% over the competitor’s solution.
The first devices available include the 40V FDMS015N04B and 80V
FDMS039N08B available in a Power56 package, and the 60V FDP020N06B
and 80V FDP027N08B available in a TO-220 3-lead package.
Advantages
• Smallerpackagesize
(Power56andTO-2203-lead)
withmaximumthermal
performancetosystemsize
• LowerQ
gtoreducegate
drivingloss
• LowQ
gd/Qgsratioto
preventundesirableturn-on,
improvingsystemreliability
• Lowdynamicparasitic
capacitancestoreducegate
drivinglossforhigh-
frequencyapplications
Applications
• Synchronousrectification
forserver/telecomPSU
• Batterychargerand
batteryprotectioncircuit
• DCmotordrivesand
uninterruptiblepower
supplies
• Microsolarinverter
For more information, please visit:
fairchildsemi.com/products/mosfets/powertrench.html
fairchildsemi.com/pf/FD/FDMS015N04B.html
fairchildsemi.com/pf/FD/FDMS039N08B.html
fairchildsemi.com/pf/FD/FDP020N06B.html
fairchildsemi.com/pf/FD/FDP027N08B.html
FDP027N08B
Competitor A
Test condition: V
DD = 40V, Id = 50A, Vgs = 0V-10V
180
134.1
169.2
160
140
120
100
80
60
40
20
0
FDP027N08B
Competitor B
Test condition: V
DD = 40V, Id = 50A, di/dt = 500A/s, TJ = 25°C
350
269.7
323.5
300
250
200
150
100
50
0
Benchmarking of Reduced Reverse Recovery
Charge (Q
rr) and Reduced Gate Charge (QG)
Product Number
B
V (V)
R
DS(ON) (mΩ)
Q
g (nC)
Package
FDP020N06B
60
2
204
TO220
FDP027N08B
80
2.7
137
TO220
FDMS039N08B
80
3.9
77
PQFN56
FDMS015N04B
40
1.5
87
PQFN56


Similar Part No. - FDDS100H06_F085

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FDDS100H06-F085 BOURNS-FDDS100H06-F085 Datasheet
407Kb / 16P
   Smart High Side Switch
More results

Similar Description - FDDS100H06_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6756MRMY FAIRCHILD-FAN6756MRMY Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
FDMA905P FAIRCHILD-FDMA905P Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
   L638xE tricks and tips
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
   System PMIC for Mobile and Automotive Applications
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
   Troubleshooting and Design Tips
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Linx Technologies
ANT-ELE-S01-010 LINX-ANT-ELE-S01-010 Datasheet
382Kb / 2P
   Ideal for both stationary and mobile applications
12/2/13
logo
Renesas Technology Corp
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com