Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBT-0315W Datasheet(PDF) 30 Page - NEC

Part No. SBT-0315W
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SBT-0315W Datasheet(HTML) 30 Page - NEC

Back Button SBT-0315W Datasheet HTML 26Page - NEC SBT-0315W Datasheet HTML 27Page - NEC SBT-0315W Datasheet HTML 28Page - NEC SBT-0315W Datasheet HTML 29Page - NEC SBT-0315W Datasheet HTML 30Page - NEC SBT-0315W Datasheet HTML 31Page - NEC SBT-0315W Datasheet HTML 32Page - NEC SBT-0315W Datasheet HTML 33Page - NEC SBT-0315W Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
30
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
DIP Type
Normal Mode
3.0 max.
40±3.0
10.0±0.5
40±3.0
5.08±0.2
a
40±3.0
a
5.08±0.2
bB-6-22B
bB-6-31B
2.5 max.
a=2.54±0.3
3.0 max.10±0.5
13.4 max.
(Clock pulse oscillating section)
bB-1,3,4,5,7
(a)max.
bB-8,9,10
8.0max.
ø0.4
Shape and Dimensions
Model
(a)
(b)
(c)
B-1
5.5
5
9
B-3
95
10
B-4
10.5
5
9
B-5
11
5
9
B-7
65
9
Bead Inductors
(Winding Type)
[RoHS Compliant]
B-1
B-20F-28
Teflon wire (ø0.26 : single) / Color: White
2T
B-3
B-20L-48B
Teflon wire (ø0.51 : single) / Color: Red
2T
B-4
B-20L-44
Teflon wire (ø0.26 : single) / Color: White
2T
B-5
B-20L-44
Teflon wire (ø0.26 : single) / Color: White
3T
B-7
B-20F-28
Teflon wire (ø0.32 : single) / Color: Green
2T
B-8
B-20L-48B
Teflon wire (ø0.4 : single) / Color: Blue
2T
B-9
B-20L-48B
Teflon wire (ø0.4 : single) / Color: Yellow
3T
B-10
B-20L-48B
Teflon wire (ø0.4 : single) / Color: Black
4T
B-6-22B
Soft copper wire (ø0.6)
B-6-31B
Soft copper wire (ø0.6)
Model
CoreWire
No. of turns
Bead Inductors
(Winding Type)
[RoHS Compliant]
1
10
1000
100
Frequency (MHz)
B-1
1
10
100
1000
1
10
1000
100
Frequency (MHz)
B-3
1
10
100
1000
Impedance vs. Frequency
[mm]


Similar Part No. - SBT-0315W

ManufacturerPart No.DatasheetDescription
Kemet Corporation
Kemet Corporation
SBT-0115W KEMET-SBT-0115W Datasheet
103Kb / 1P
   KEMET, SBT-01W, DC Line Filters, Common Mode, 5000 nH
SBT-0140W KEMET-SBT-0140W Datasheet
234Kb / 5P
   Common Mode for Signal Line, Through-Hole Type, SBT-01W Series
SBT-0160W KEMET-SBT-0160W Datasheet
104Kb / 1P
   KEMET, SBT-01W, DC Line Filters, Common Mode, 60 uH, 35%
SBT-0180W KEMET-SBT-0180W Datasheet
104Kb / 1P
   KEMET, SBT-01W, DC Line Filters, Common Mode, 80 uH, 35%
SBT-0208 KEMET-SBT-0208 Datasheet
79Kb / 1P
   KEMET, SBT, DC Line Filters, Normal Mode, 8000 nH, 50%
More results

Similar Description - SBT-0315W

ManufacturerPart No.DatasheetDescription
CUI INC
CUI INC
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
   DC POWER LINE FILTER
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
   DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
   DC POWER LINE FILTER
VFM-50 CUI-VFM-50 Datasheet
792Kb / 7P
   DC POWER LINE FILTER
VFM-50-UW CUI-VFM-50-UW Datasheet
810Kb / 7P
   DC POWER LINE FILTER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz