Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT-0308W Datasheet(PDF) 7 Page - NEC

Part # SBT-0308W
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SBT-0308W Datasheet(HTML) 7 Page - NEC

Back Button SBT-0308W Datasheet HTML 3Page - NEC SBT-0308W Datasheet HTML 4Page - NEC SBT-0308W Datasheet HTML 5Page - NEC SBT-0308W Datasheet HTML 6Page - NEC SBT-0308W Datasheet HTML 7Page - NEC SBT-0308W Datasheet HTML 8Page - NEC SBT-0308W Datasheet HTML 9Page - NEC SBT-0308W Datasheet HTML 10Page - NEC SBT-0308W Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Plastic box
Inlet Type
MR Series
P40
MA Series
P42
GL Series
C Type
P43
GL Series
F,FV,FVP Type
P45
GL Series
H Type
P47
GL Series
M Type
P49
HFP Series
P26
GT Series
Screw Terminal
P28
GT Series
Faston® Terminal
P30
GT Series
For VCCI
P32
GF Series
P33
Metal cylinder
VU Series
P34
VC Series
P36
VG-FPZ Series for inverter installed
home appliances' surge control
P37
RG Series
P38
7
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2


Similar Part No. - SBT-0308W

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SBT-0115W KEMET-SBT-0115W Datasheet
103Kb / 1P
   KEMET, SBT-01W, DC Line Filters, Common Mode, 5000 nH
SBT-0140W KEMET-SBT-0140W Datasheet
234Kb / 5P
   Common Mode for Signal Line, Through-Hole Type, SBT-01W Series
SBT-0160W KEMET-SBT-0160W Datasheet
104Kb / 1P
   KEMET, SBT-01W, DC Line Filters, Common Mode, 60 uH, 35%
SBT-0180W KEMET-SBT-0180W Datasheet
104Kb / 1P
   KEMET, SBT-01W, DC Line Filters, Common Mode, 80 uH, 35%
SBT-0208 KEMET-SBT-0208 Datasheet
79Kb / 1P
   KEMET, SBT, DC Line Filters, Normal Mode, 8000 nH, 50%
More results

Similar Description - SBT-0308W

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
   DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
   DC POWER LINE FILTER
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-50-UW CUI-VFM-50-UW_V01 Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70 Datasheet
787Kb / 7P
   DC POWER LINE FILTER
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
   DC POWER LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com