Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7171_F085 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN7171_F085
Description  New Products, Tips and Tools for Power and Mobile Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7171_F085 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN7171_F085 Datasheet HTML 4Page - Fairchild Semiconductor FAN7171_F085 Datasheet HTML 5Page - Fairchild Semiconductor FAN7171_F085 Datasheet HTML 6Page - Fairchild Semiconductor FAN7171_F085 Datasheet HTML 7Page - Fairchild Semiconductor FAN7171_F085 Datasheet HTML 8Page - Fairchild Semiconductor FAN7171_F085 Datasheet HTML 9Page - Fairchild Semiconductor FAN7171_F085 Datasheet HTML 10Page - Fairchild Semiconductor FAN7171_F085 Datasheet HTML 11Page - Fairchild Semiconductor FAN7171_F085 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Minimize Components, Achieve Higher Power
Conversion Efficiency
SMPS designers face several design complexities: space constraints, along with
the need for cost-effective power supply solutions with high energy efficiency,
optimized system performance and improved reliability. Fairchild now offers a
solution: the FSL206MR integrated pulse width modulator (PWM) controller.
With integrated protection circuitry, the controller improves SMPS reliability and
saves board space.
Part of the Green Mode Fairchild Power Switch (FPS) device family, the
integrated PWM controller with avalanche-rugged SenseFET includes an internal
regulator, eliminating the need for an auxiliary bias winding. This highly integrated
PWM controller includes a built-in, high-voltage startup and full-protection
circuitry that saves board space and total bill of material (BOM) costs. Optimized
for efficiency and power dissipation with burst-mode operation, when the input
voltage is 265V
AC , the devices can reach power loss of 150mW with no-bias
winding and 30mW with bias winding at no-load condition.
Advantages
• Lowpowerconsumption
of25mWwithno-load
• Noauxiliarybiaswinding
• Saves50%boardspace,
reducesBOM
Applications
• Motioncontrol—home
applianceandindustrial
motors
• Smartgrid
• Smartmeter
For more information, please visit:
fairchildsemi.com/pf/FS/FSL206MR.html
DesignSupport:
The FSL206MRx family is supported by
Fairchild’s Power Supply WebDesigner (PSW),
an easy-to-use, powerful online design tool
that allows designers to further customize and
fine tune their designs without having to build a
bench prototype.
EvaluationBoard
Integrated PWM Controller Evaluation Board
is now available featuring the FSL206MRN,
a PWM controller with integrated MOSFET.
This board targets 5W auxiliary power
supply applications.
The Power Supply WebDesigner and evaluation
board are both available at:
www.fairchildsemi.com/pf/FS/FSL206MR.html.
Drain
Source
Vstr
Vfb
Vcc
PWM
AC
IN
DC
OUT
Ipk
Typical Application Diagram
iNTeGRATeD PWM CONTROlleR
Product
Number
BV
BuRH
(V)
BV
BuRH
(V)
BV
DSS
(V)
Switching
Frequency
(kHz)
Max Pout
Open Frame
(85-265V
AC)
(W)
R
DS(ON)
Max
(W)
Current
limit
(A)
Package
Option
FSl206MRN
0.83
0.74
650
67
7
19
0.6
DiP-8
FSl206MRl
0.83
0.74
650
67
7
19
0.6
lSOP-8
FSl206MRBN
0.5
0.35
650
67
7
19
0.6
DiP-8
Various Protections: Overload Protection (OlP), Over-Voltage Protection (OVP), low under-Voltage lockout
(uVlO), line under-Voltage Protection (luVP), Abnormal Over-Current Protection (AOCP),
Output-Short Protection (OSP), Thermal Shutdown (TSD), Auto-Restart Mode for All Protections


Similar Part No. - FAN7171_F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7171-F085 ONSEMI-FAN7171-F085 Datasheet
1Mb / 11P
   600 V / 4 A, High-Side Automotive Gate Driver IC
August, 2017 ??Rev. 3
FAN7171-F085 ONSEMI-FAN7171-F085 Datasheet
1Mb / 11P
   600 V / 4 A, High-Side Automotive Gate Driver IC
February, 2022 ??Rev. 5
FAN7171-F085 ONSEMI-FAN7171-F085_V01 Datasheet
1Mb / 11P
   600 V / 4 A, High-Side Automotive Gate Driver IC
February, 2022 ??Rev. 5
More results

Similar Description - FAN7171_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6756MRMY FAIRCHILD-FAN6756MRMY Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
FDMA905P FAIRCHILD-FDMA905P Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
   L638xE tricks and tips
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
   System PMIC for Mobile and Automotive Applications
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
   Troubleshooting and Design Tips
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Linx Technologies
ANT-ELE-S01-010 LINX-ANT-ELE-S01-010 Datasheet
382Kb / 2P
   Ideal for both stationary and mobile applications
12/2/13
logo
Renesas Technology Corp
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com