Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHO-301 Datasheet(PDF) 5 Page - NEC

Part # SHO-301
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SHO-301 Datasheet(HTML) 5 Page - NEC

  SHO-301 Datasheet HTML 1Page - NEC SHO-301 Datasheet HTML 2Page - NEC SHO-301 Datasheet HTML 3Page - NEC SHO-301 Datasheet HTML 4Page - NEC SHO-301 Datasheet HTML 5Page - NEC SHO-301 Datasheet HTML 6Page - NEC SHO-301 Datasheet HTML 7Page - NEC SHO-301 Datasheet HTML 8Page - NEC SHO-301 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
Common Mode
Signal Line
Common Mode
Power Line
SMD Type
DFD Series
P32
SBS9080 Series
P34
SBP Series
P35
DCM Series
P36
EMC Chip Filters
M-500CT/M-600T Series
P38
EMC Filter
AC Line Filters
Earth inductors
Common mode
SNG series
P6
SC Coils — Standard Type
P8
SC Coils — Case Type
SC-E, F, V Type
P10
SC Coils — Case Type
SC-A Type
P12
SC Coils — Terminal Base Type
SC-J Type
P13
SC Coils — Terminal Base Type
SC-GJ Type
P15
SC Coils — Terminal Base Type
SC-JV Type
P16
SC Coils — Terminal Base Type
SC-JS Type
P17
SC Coils — Terminal Base Type
SC-JH Type
P18
SC Coils — Small Type
SC-G/GS Type
P19
SC Coils — Compact, High-Inductance
Type, SCF Type
P21
SC Coils — High Frequency Type
SC-D Type
P22
SU Coils
SU 7VC Type
P23
SU Coils
SU 9V/9H Type
P24
SCR Coils
High Impedance Type
P4
SCR Coils
Low Height Type
P5
SU Coils
SU 9VF/9HF Type
P26
SU Coils
SU 10VFC-R Type
P27
SU Coils — High Frequency Type
SU 9VD Type
P28
SU Coils — High Frequency Type
SU 10VD Type
P29
SU Coils — High Frequency Type
SU 16VD Type
P30
SS Coils
SS17 HB Type
P36
SS Coils
SS11VL Type
P31
SS Coils
SS11V/H-CH Type
P33
SS Coils
SSB11V-R/11H-R Type
P35
New Products
(Continued)


Similar Part No. - SHO-301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SHO-301 KEMET-SHO-301 Datasheet
86Kb / 1P
   KEMET, SHO, DC Line Filters, Common Mode, 12 uH
More results

Similar Description - SHO-301

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
   DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
   DC POWER LINE FILTER
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-50-UW CUI-VFM-50-UW_V01 Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70 Datasheet
787Kb / 7P
   DC POWER LINE FILTER
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
   DC POWER LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com