Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS0H224ZF Datasheet(PDF) 9 Page - NEC

Part # FS0H224ZF
Description  Super Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H224ZF Datasheet(HTML) 9 Page - NEC

Back Button FS0H224ZF Datasheet HTML 5Page - NEC FS0H224ZF Datasheet HTML 6Page - NEC FS0H224ZF Datasheet HTML 7Page - NEC FS0H224ZF Datasheet HTML 8Page - NEC FS0H224ZF Datasheet HTML 9Page - NEC FS0H224ZF Datasheet HTML 10Page - NEC FS0H224ZF Datasheet HTML 11Page - NEC FS0H224ZF Datasheet HTML 12Page - NEC FS0H224ZF Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 9
Markings
Displays nominal capacitance, MAX operating voltage serial number, polarity and etc.
Standard models
FC Type
Part Number
Max.
Operating
Voltage
(Vdc)
Nominal
Capacitance
Discharge
system (F)
Max. ESR
(at 1kHz)
(Ω)
Max.
current at
30 minutes
(mA)
Voltage
Holding
Characteristic
Min. (V)
Dimension (Unit:mm)
Weight
(g)
DH
A
B
I
W
P
K
L
FC0H473ZFTBR24
5.5
0.047
50
0.071
4.2
10.5
5.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.0
0.1
FC0H104ZFTBR24
5.5
0.10
25
0.15
4.2
10.5
5.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.0
0.1
FC0H224ZFTBR24
5.5
0.22
25
0.33
4.2
10.5
8.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.4
0.1
FC0H474ZFTBR32-SS
5.5
0.47
13
0.71
4.2
16.0
9.5
16.3
16.3 6.8±1.0
1.2
5.0
1.2±0.5 0 +0.5
4.0
0.1
FC0H105ZFTBR44-SS
5.5
1.0
7
1.50
4.2
21.0
10.5
21.6
21.6 7.0±1.0
1.4
10.0 1.2±0.5 0 +0.5
6.7
0.1
FC0V104ZFTBR24
3.5
0.10
50
0.09
̶
10.5
5.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.0
0.1
FC0V224ZFTBR24
3.5
0.22
25
0.20
̶
10.5
5.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.0
0.1
FC0V474ZFTBR24
3.5
0.47
25
0.42
̶
10.5
8.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.4
0.1
FCH Type
Part Number
Max.
Operating
Voltage
(Vdc)
Nominal
Capacitance
Discharge
system (F)
Max. ESR
(at 1kHz)
(Ω)
Max.
current at
30 minutes
(mA)
Voltage
Holding
Characteristic
Min. (V)
Dimension (Unit:mm)
Weight
(g)
DH
A
B
I
W
P
K
L
FCH0V683ZFTBR16
3.6
0.068
40
0.062
̶
6.8
3.7
6.8
6.8
2.9±0.5
0.7
2.5
0.7±0.3 0 +0.3
0.3
0.1
FCH0H433ZFTBR16
5.5
0.043
50
0.065
̶
6.8
5.0
6.8
6.8
2.9±0.5
0.7
2.5
0.7±0.3 0 +0.3
0.4
0.1
FCS Type
Part Number
Max.
Operating
Voltage
(Vdc)
Nominal
Capacitance
Discharge
system (F)
Max. ESR
(at 1kHz)
(Ω)
Max.
current at
30 minutes
(mA)
Voltage
Holding
Characteristic
Min. (V)
Dimension (Unit:mm)
Weight
(g)
DH
A
B
I
W
P
K
L
FCS0H473ZFTBR24
5.5
0.047
100
0.071
4.2
10.7
5.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.0
0.1
FCS0H104ZFTBR24
5.5
0.10
50
0.15
4.2
10.7
5.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.0
0.1
FCS0H224ZFTBR24
5.5
0.22
50
0.33
4.2
10.7
8.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.4
0.1
FCS0V104ZFTBR24
3.5
0.10
100
0.09
̶
10.7
5.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.0
0.1
FCS0V224ZFTBR24
3.5
0.22
50
0.20
̶
10.7
5.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.0
0.1
FCS0V474ZFTBR24
3.5
0.47
50
0.42
̶
10.7
8.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.4
0.1
D±0.5
B±0.2
A±0.2
Negative
terminal
Positive
terminal
W±0.1
H max.
L
K
II
P
473
5.5V
A1
Nominal
capacitance
MAX
operating voltage
Date code
Polarity
(negative)
FC 5.5V
474
A1-001
Nominal
capacitance
MAX
operating voltage
Serial number
Polarity
(negative)
Series name
Logo
N T
Date code
FC0H473ZFTBR24
FC0H104ZFTBR24
FC0H224ZFTBR24
FC0V104ZFTBR24
FC0V224ZFTBR24
FC0V474ZFTBR24
FCH0V683ZFTBR16
FCH0V433ZFTBR16
473
5.5V
A1 S
Nominal
capacitance
MAX
operating voltage
Date code
FCS Type
Polarity
(negative)
FCS0H473ZFTBR24
FCS0H104ZFTBR24
FCS0H224ZFTBR24
FCS0V104ZFTBR24
FCS0V224ZFTBR24
FCS0V474ZFTBR24
FC0H474ZFTBR32-SS
FC0H105ZFTBR44-SS
6. Rated Specifications
6.1 FC Series
Features
• Enables surface mounting.
• High rated voltage of 5.5V.
• High leakage reliability.
Dimensions


Similar Part No. - FS0H224ZF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FS0H224ZF KEMET-FS0H224ZF Datasheet
52Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FS, 0.22 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
More results

Similar Description - FS0H224ZF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
305DCN2R7Q ILLINOISCAPACITOR-305DCN2R7Q Datasheet
404Kb / 2P
   Super Capacitors
106DCR2R3SGU ILLINOISCAPACITOR-106DCR2R3SGU Datasheet
172Kb / 2P
   Radial Leaded Super Capacitors
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN Datasheet
261Kb / 3P
   Radial Leaded Super Capacitors
logo
Taiyo Yuden (U.S.A.), I...
EMK105SD152KV-F TAIYO-YUDEN-EMK105SD152KV-F Datasheet
311Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CLG04P050L28 ETC2-CLG04P050L28 Datasheet
907Kb / 26P
   Super Capacitors To Improve Power Performance.
logo
Taiyo Yuden (U.S.A.), I...
UMK107SD272KA-T TAIYO-YUDEN-UMK107SD272KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD104KL-T TAIYO-YUDEN-TMK316SD104KL-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD563KF-T TAIYO-YUDEN-TMK316SD563KF-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK107SD102KA-T TAIYO-YUDEN-UMK107SD102KA-T Datasheet
313Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD472KD-T TAIYO-YUDEN-UMK212SD472KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com