Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVZD1C476M Datasheet(PDF) 5 Page - NEC

Part # SVZD1C476M
Description  SV/Z Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVZD1C476M Datasheet(HTML) 5 Page - NEC

  SVZD1C476M Datasheet HTML 1Page - NEC SVZD1C476M Datasheet HTML 2Page - NEC SVZD1C476M Datasheet HTML 3Page - NEC SVZD1C476M Datasheet HTML 4Page - NEC SVZD1C476M Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL13E1106E1
SV/Z Series
42
20
35
25
SVZD1V156M
SVZD1V106M
SVZC1V685M
SVZD1E226M
SVZD1E156M
SVZC1E685M
SVZD1D476M
D
D
C
D
D
C
D
5.2
3.5
2.3
5.5
3.7
1.7
9.4
Capacitance
16
10
6.3
Voltage
(V)
4
Rated
1.3
SVZD1D336M
SVZD1C107M
SVZD1C686M
SVZC1C686M
SVZD1C476M
SVZD1A227M
SVZD1A157M
SVZV1A157M
SVZD1A107M
SVZV1A107M
SVZC1A107M
SVZC21A107M
SVZB21A686M
SVZD1A476M
SVZC1A476M
SVZB21A106M
SVZD0J337M
SVZV0J337M
SVZD0J227M
SVZV0J227M
SVZD0J157M
SVZC0J157M
SVZD0J107M
SVZC0J107M
SVZB20J686M
SVZB20J226M
D
D
D
C
D
D
D
V
D
V
C
C2
B2
D
C
B2
D
V
D
V
D
C
D
C
B2
B2
15
6.6
16
10.8
10.8
7.5
22
15
10
10
10
10
6.8
13.8
4.7
4.7
20.7
20.7
13.8
1
9.4
9.4
6.3
6.3
4.2
SVZA0J106M
SVZD0G337M
SVZV0G337M
SVZD0G227M
(Bulk)
Number
Part
A
D
V
D
Code
Case
( F)
0.6
13.2
13.2
8.8
10
10
10
10
10
10
10
0.3
0.3
0.6
0.2
0.25
0.6
0.15
6
6
6
6
6
6
6
8
8
8
8
8
8
8
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±12%
±12%
±12%
±12%
±12%
±12%
±12%
±12%
±12%
±12%
±20%
±12%
±12%
±12%
±12%
±12%
±12%
±12%
±12%
± 5%
at Surge Voltage
at Damp Heat
at Resistance to
Soldering Heat
Capacitance Change
10
18
10
16
10
22
18
14
18
18
18
18
14
12
12
12
26
26
18
18
18
18
12
14
18
12
0.2
0.1
0.15
0.2
0.15
0.1
0.1
0.15
0.1
0.15
0.125
0.15
0.25
10
6
8
6
6
12
6
8
8
8
10
10
12
0.14
0.3
0.6
0.1
0.1
0.1
0.15
0.1
0.125
0.15
0.15
0.25
0.8
12
14
8
8
8
14
12
8
10
8
10
10
8
12
10
10
8
8
14
8
10
10
10
12
14
14
14
16
10
10
10
16
14
10
10
12
12
12
10
12
18
18
18
-55℃
0.8
0.1
0.15
0.1
14
12
8
8
+125℃
10
16
14
10
±10%
±10%
±12%
±10%
±12%
±10%
±12%
±12%
±12%
±10%
±12%
±12%
±12%
±12%
±10%
±10%
±10%
±12%
±20%
±12%
±12%
±10%
±12%
±10%
±12%
±12%
±12%
±12%
±12%
±10%
at Endurance
Leakage
Current
Max
DF
Max
ESR
Max
(%)
( A)
DF (%) Max
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
( )
15
10
6.8
22
15
6.8
47
33
100
68
68
47
220
150
150
100
100
100
100
68
47
47
10
330
330
220
220
150
150
100
100
68
22
10
330
330
220
í STANDARD RATINGS


Similar Part No. - SVZD1C476M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVZ1400 SSDI-SVZ1400 Datasheet
47Kb / 1P
   100-6500 AMPS 70-4500 VOLTS 73.5-1820 VOLTS 5.6-1400 VOLTS SURGE ARRESTOR MODULE
SVZ5.6 SSDI-SVZ5.6 Datasheet
47Kb / 1P
   100-6500 AMPS 70-4500 VOLTS 73.5-1820 VOLTS 5.6-1400 VOLTS SURGE ARRESTOR MODULE
More results

Similar Description - SVZD1C476M

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SV SHARMA-SV Datasheet
353Kb / 2P
   SV Series
logo
NEC
FSVP20E107M NEC-FSVP20E107M Datasheet
147Kb / 4P
   F/SV Series
ESVD0G687M NEC-ESVD0G687M Datasheet
161Kb / 8P
   E/SV Series
logo
Seoul Semiconductor
X92050C SEOUL-X92050C Datasheet
603Kb / 15P
   Z-Power series
logo
Keysight Technologies
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ504A KEYSIGHT-DSAZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ592A KEYSIGHT-DSAZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ592A KEYSIGHT-DSOZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com