Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT0H105ZF Datasheet(PDF) 4 Page - NEC

Part # FT0H105ZF
Description  Super Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FT0H105ZF Datasheet(HTML) 4 Page - NEC

  FT0H105ZF Datasheet HTML 1Page - NEC FT0H105ZF Datasheet HTML 2Page - NEC FT0H105ZF Datasheet HTML 3Page - NEC FT0H105ZF Datasheet HTML 4Page - NEC FT0H105ZF Datasheet HTML 5Page - NEC FT0H105ZF Datasheet HTML 6Page - NEC FT0H105ZF Datasheet HTML 7Page - NEC FT0H105ZF Datasheet HTML 8Page - NEC FT0H105ZF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
4 Super Capacitors Vol.12
1. Organization of Super Capacitor Series
For automatic
mounting
SMD)
embossad taping)
25 to 70℃
guaranteed
mA order
back-up
μ
A order
back-up
40 to 85℃
guaranteed
For automatic
mounting
radial taping)
Can Case type
self-supporting Type)
FC
series
3.5 to 5.5V
FM
series
3.5 to 6.5V
FG
series
3.5 to 5.5V
FY
series
3.5 to 5.5V
FR
series
5.5V
FS
series
5.5 to 11V
FE
series
5.5V
FA
series
5.5 to 11V
HV
series
2.7V
10 to 100F
FT
series
5.5V
FGR
Type
5.5V
FME
FML
Type
5.5V
FMR
Type
3.5 to 5.5V
40 to 85℃
guaranteed
For A order
current


Similar Part No. - FT0H105ZF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FT0H105ZF KEMET-FT0H105ZF Datasheet
53Kb / 1P
   FT, Supercapacitors, Radial Pin, Commercial Grade, 1 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 7.62mm
More results

Similar Description - FT0H105ZF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
305DCN2R7Q ILLINOISCAPACITOR-305DCN2R7Q Datasheet
404Kb / 2P
   Super Capacitors
106DCR2R3SGU ILLINOISCAPACITOR-106DCR2R3SGU Datasheet
172Kb / 2P
   Radial Leaded Super Capacitors
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN Datasheet
261Kb / 3P
   Radial Leaded Super Capacitors
logo
Taiyo Yuden (U.S.A.), I...
EMK105SD152KV-F TAIYO-YUDEN-EMK105SD152KV-F Datasheet
311Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CLG04P050L28 ETC2-CLG04P050L28 Datasheet
907Kb / 26P
   Super Capacitors To Improve Power Performance.
logo
Taiyo Yuden (U.S.A.), I...
UMK107SD272KA-T TAIYO-YUDEN-UMK107SD272KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD104KL-T TAIYO-YUDEN-TMK316SD104KL-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD563KF-T TAIYO-YUDEN-TMK316SD563KF-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK107SD102KA-T TAIYO-YUDEN-UMK107SD102KA-T Datasheet
313Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD472KD-T TAIYO-YUDEN-UMK212SD472KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com