Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSGV0E477M6 Datasheet(PDF) 3 Page - NEC

Part # PSGV0E477M6
Description  PS/G Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PSGV0E477M6 Datasheet(HTML) 3 Page - NEC

  PSGV0E477M6 Datasheet HTML 1Page - NEC PSGV0E477M6 Datasheet HTML 2Page - NEC PSGV0E477M6 Datasheet HTML 3Page - NEC PSGV0E477M6 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL13E1106E1
PS/G Series
8
í PERFORMANCE CHARACTERISTICS
Test Conditions : Conform to IEC 60384-1
Reflow soldering mehod 240℃,
10 sec.Max.
Lower than initial
specification
at 40℃
at 90 to 95% RH
500 hour
at 85℃
at rated voltage
1000 hour
Strength : 4.9N
Time : 10±0.5sec.
(two directions)
λ0 = 1% / 1000 hour
Visual:
There shall be no evidence of mechanical damage
Refer to Standard Ratings
from +30% to -20%
Refer to Standard Ratings
at 85℃: rated voltage
at 105℃: derated voltage
1000 hour
Lower than initial
specification
Lower than 1.5 times initial
specification
Endurance I
Lower than initial
specification
Refer to Standard Ratings
Lower than 3 times initial
specification
Endurance II
Damp heat
Failure Rate
Terminal Strength
Lower than 1.5 times initial
specification
Resistance to Soldering
heat
Lower than 1.3 times initial
specification
Lower than initial
specification
Permissible ripple current
Refer to Ratings Table
at 100 kHz or 300 kHz
refer to STANDARD RATINGS
Conform to IEC60384-1
Conform to IEC60384-1
Others
at 105℃
at Derated voltage
1000 hour
at 85℃
at 105℃
at 85℃
at 120 Hz
at 100 kHz or 300 kHz
refer to STANDARD RATINGS
4V
3.3V
5.2V
2.5V
2V
3.3V
Parts shall be temperature cycled
over a temperature range of -55 to
+105℃, five times continuously as
follow.
Step 1: -55 ℃, 30±3min.
Step 2: room temp. , 10 to 15min.
Step 3: 105 ℃, 30±3min.
Step 4: room temp, 10 to 15min.
Lower than initial
specification
Lower than initial
specification
PERFORMANCE
TEST CONDITION
Operating temperature
Rated voltage (V.dc)
Derated voltage (V.dc)
Surge voltage (V.dc)
Capacitance
Capacitance tolerance
DC Leakage Current (L.C)
Dissipation Factor
-55℃ to +105℃
ITEM
Surge voltage test
220
F to 680
F
L.C
Refer to Standard Ratings
Refer to Standard Ratings
Refer to Standard Ratings
at 120 Hz
±20%
Voltage:
Rated voltage for 5min.
Temperature : 85±2℃
Applied voltage : Surge voltage
Series resistance : 33 ohm
Duration of surge : 30±5 sec
Time between surge : 5.5min.
Number of cycle : 1000
0.1C • V( A) or 3 A, whichever is greater
Lower than initial
specification
Lower than initial
specification
Capacitance change
DF(%)
Lower than 1.5 times
initial specification
Rapid change of
temperature
Characteristic
at high and low
temperature
-55℃
+105℃
from 0 to -20%
from 0 to +50%
Refer to Standard Ratings
Lower than initial
specification
Lower than 10 times
initial specification
–––––
Step 1: 25±2℃
Step 2: -55 ℃
Step 3: 25±2℃
Step 4: 105 ℃
0
-3
0
-3
0
-3
0
-3
Derated voltage at 85℃ at more
*1
Equivalent Series Resistance
[UT] = [UR] ‒
[UR] ‒ [UC]
20
Reference : Derated voltage (85 to 105
°C)
[UT] : Derated voltage at operating temperature
[UR] : Rated voltage
[UC] : Derated voltage at 105
°C
T : Operating temperature
(T‒85)
5HIHUWRWKHSDJH´127(62186,1*1HR&DSDFLWRU0RXQWLQJ  5HÁRZVROGHULQJ E 7HPSHUDWXUHDQGWLPHµ


Similar Part No. - PSGV0E477M6

ManufacturerPart #DatasheetDescription
logo
ORION FANS
PSG ORIONFANS-PSG Datasheet
5Mb / 8P
   AC & EC FANS
logo
List of Unclassifed Man...
PSG11 ETC-PSG11 Datasheet
97Kb / 1P
   RECORD 5 TUNES/KEY
logo
Turck, Inc.
PSG3M-2/TXL TURCK-PSG3M-2/TXL Datasheet
356Kb / 8P
   Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
2023-02-23
logo
List of Unclassifed Man...
PSG480F24RM ETC2-PSG480F24RM Datasheet
216Kb / 4P
   Powersupply unit,3-phase,400-500VAC/24VDC,20A
logo
MOSDESIGN SEMICONDUCTOR...
PSG59 MOSDESIGN-PSG59 Datasheet
110Kb / 1P
   DOOR BELL DUAL TONE
2001-09-07
More results

Similar Description - PSGV0E477M6

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS-S2024 ALTECH-PS-S2024 Datasheet
156Kb / 1P
   PS-S2024
logo
Bud Industries, Inc.
PA-1136-WH BUD-PA-1136-WH Datasheet
172Kb / 3P
   Surface Shield Panels, PA, and PS Series
logo
PHOENIX CONTACT
2885359 PHOENIX-2885359 Datasheet
81Kb / 3P
   EMD-SL-PS- 24DC
2316035 PHOENIX-2316035 Datasheet
138Kb / 4P
   FB-PS-25/0.36A
logo
Mercury United Electron...
HPQF5361 MERCURY-HPQF5361 Datasheet
140Kb / 1P
   1.0 pS phase jitter
logo
Advantech Co., Ltd.
PS-300ATX-DC48E ADVANTECH-PS-300ATX-DC48E Datasheet
1Mb / 3P
   PS/2 Power Supplies
logo
PHOENIX CONTACT
2320076 PHOENIX-2320076 Datasheet
80Kb / 2P
   QUINT-PS/FAN/4
logo
Advantech Co., Ltd.
PS-250ATX-ZE ADVANTECH-PS-250ATX-ZE Datasheet
1Mb / 3P
   PS/2 Power Supplies
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com