Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGR0H105ZF Datasheet(PDF) 10 Page - NEC

Part # FGR0H105ZF
Description  Super Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FGR0H105ZF Datasheet(HTML) 10 Page - NEC

Back Button FGR0H105ZF Datasheet HTML 6Page - NEC FGR0H105ZF Datasheet HTML 7Page - NEC FGR0H105ZF Datasheet HTML 8Page - NEC FGR0H105ZF Datasheet HTML 9Page - NEC FGR0H105ZF Datasheet HTML 10Page - NEC FGR0H105ZF Datasheet HTML 11Page - NEC FGR0H105ZF Datasheet HTML 12Page - NEC FGR0H105ZF Datasheet HTML 13Page - NEC FGR0H105ZF Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
10 Super Capacitors Vol.12
FC, FCH Type
250
200
150
100
50
0
Time (sec)
Tp Time exceeding 200
120sec
160 ℃
Reflow profile
Peak temperature
Peak temperature :
235℃,within 10sec.
250
240
230
220
210
200
Tp (sec)
Tp Time exceeding 200℃
0
10
20
30
40
50
60
Reflow profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (sec)
200℃
150℃
260℃
Temperature on the
capacitor top
217℃
70sec
150sec
FCS Type
Above "Reflow Profile" graph indicates temperature at the
terminals and capacitor top.
Above "Reflow Profile" graph indicates temperature at the
terminals and capacitor top.
Precautions for use
This series is exclusively for reflow soldering. It is designed for thermal conduction system such as combination use of infrared
ray and heat blow. Consult with NEC TOKIN before applying other methods.
The reflow condition must be kept within reflow profile graphs shown below.
Applying reflow soldering is limited to 2 times. After the first reflow, cool down the capacitor thoroughly to 5-35 ℃ before the
second reflow.
Always consult with NEC TOKIN when applying reflow soldering in a more severe condition than the condition described here.
Peak temperature
Below 260 ℃
Over 255 ℃
Within 10sec.
Over 230 ℃
Within 45sec.
Over 220 ℃
Within 60sec.
Over 217 ℃
Within 70sec.
Time between 150 ℃ to
200 ℃(temperature zone
over 170 ℃=within 50sec.)
150sec.


Similar Part No. - FGR0H105ZF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FGR0H105ZF KEMET-FGR0H105ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FGR, 1 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
More results

Similar Description - FGR0H105ZF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
305DCN2R7Q ILLINOISCAPACITOR-305DCN2R7Q Datasheet
404Kb / 2P
   Super Capacitors
106DCR2R3SGU ILLINOISCAPACITOR-106DCR2R3SGU Datasheet
172Kb / 2P
   Radial Leaded Super Capacitors
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN Datasheet
261Kb / 3P
   Radial Leaded Super Capacitors
logo
Taiyo Yuden (U.S.A.), I...
EMK105SD152KV-F TAIYO-YUDEN-EMK105SD152KV-F Datasheet
311Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CLG04P050L28 ETC2-CLG04P050L28 Datasheet
907Kb / 26P
   Super Capacitors To Improve Power Performance.
logo
Taiyo Yuden (U.S.A.), I...
UMK107SD272KA-T TAIYO-YUDEN-UMK107SD272KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD104KL-T TAIYO-YUDEN-TMK316SD104KL-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD563KF-T TAIYO-YUDEN-TMK316SD563KF-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK107SD102KA-T TAIYO-YUDEN-UMK107SD102KA-T Datasheet
313Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD472KD-T TAIYO-YUDEN-UMK212SD472KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com