Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC714PG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC714PG4
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC714PG4 Datasheet(HTML) 4 Page - Texas Instruments

  DAC714PG4 Datasheet HTML 1Page - Texas Instruments DAC714PG4 Datasheet HTML 2Page - Texas Instruments DAC714PG4 Datasheet HTML 3Page - Texas Instruments DAC714PG4 Datasheet HTML 4Page - Texas Instruments DAC714PG4 Datasheet HTML 5Page - Texas Instruments DAC714PG4 Datasheet HTML 6Page - Texas Instruments DAC714PG4 Datasheet HTML 7Page - Texas Instruments DAC714PG4 Datasheet HTML 8Page - Texas Instruments DAC714PG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DAC714
4
SBAS032A
www.ti.com
CLK
A
0
SDI
Serial Data Input
MSB First
Latch Data
In D/A Latch
A
1
t
A0H
D
0
D
14
D
15
t
A1S
t
A1H
t
DH
t
DS
t
A0S
t
CLK
t
CH
t
CL
CLK
A
0
SDO
Serial Data
Out
t
A0S
t
A0H
D
0
D
14
Clear
D
15
t
CLK
t
CH
t
CL
CLR
t
DSOP
t
CP
t
DSOP
TIMING SPECIFICATIONS
TA = –40°C to +85°C, +VCC = +12V or +15V, –VCC = –12V or –15V.
SYMBOL
PARAMETER
MIN
MAX
UNITS
tCLK
Data Clock Period
100
ns
tCL
Clock LOW
50
ns
tCH
Clock HIGH
50
ns
tA0S
Setup Time for A0
50
ns
tA1S
Setup Time for A1
50
ns
tAOH
Hold Time for A0
0ns
tA1H
Hold Time for A1
0ns
tDS
Setup Time for DATA
50
ns
tDH
Hold Time for DATA
10
ns
tDSOP
Output Propagation Delay
140
ns
tCP
Clear Pulsewidth
200
ns
A0
A1
CLK
CLR
DESCRIPTION
01
1
→ 0 → 1
1
Shift Serial Data into SDI
10
1
→ 0 → 1
1
Load D/A Latch
11
1
→ 0 → 1
1
No Change
00
1
→ 0 → 1
1
Two Wire Operation(1)
X
X
1
1
No Change
X
X
X
0
Reset D/A Latch
NOTES: X = Don’t Care. (1) All digital input changes will appear at the
output.
TRUTH TABLE
TIMING DIAGRAMS
Serial Data In
Serial Data Out


Similar Part No. - DAC714PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC714P BURR-BROWN-DAC714P Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
More results

Similar Description - DAC714PG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com