Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC715PB Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC715PB
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC715PB Datasheet(HTML) 3 Page - Texas Instruments

  DAC715PB Datasheet HTML 1Page - Texas Instruments DAC715PB Datasheet HTML 2Page - Texas Instruments DAC715PB Datasheet HTML 3Page - Texas Instruments DAC715PB Datasheet HTML 4Page - Texas Instruments DAC715PB Datasheet HTML 5Page - Texas Instruments DAC715PB Datasheet HTML 6Page - Texas Instruments DAC715PB Datasheet HTML 7Page - Texas Instruments DAC715PB Datasheet HTML 8Page - Texas Instruments DAC715PB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
®
DAC715
ABSOLUTE MAXIMUM RATINGS(1)
+VCC to COMMON ...................................................................... 0V, +17V
–VCC to COMMON ...................................................................... 0V, –17V
+VCC to –VCC ........................................................................................................................... 34V
Digital Inputs to COMMON ..................................................... –1V to +VCC
External Voltage Applied to BPO and Range Resistors .....................
±V
CC
VREF OUT ...................................................... Indefinite Short to COMMON
VOUT ............................................................ Indefinite Short to COMMON
Power Dissipation .......................................................................... 750mW
Storage Temperature ...................................................... –60
°C to +150°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
DAC715P
Plastic DIP
246
DAC715U
Plastic SOIC
217
DAC715PB
Plastic DIP
246
DAC715UB
Plastic SOIC
217
DAC715PK
Plastic DIP
246
DAC715UK
Plastic SOIC
217
DAC715PL
Plastic DIP
246
DAC715UL
Plastic SOIC
217
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
TIMING DIAGRAM
TIMING SPECIFICATIONS
WR
A
0, A1
D0-D15
t
DH
t
AW
t
WP
t
DW
t
AH
A0
A1
WR
CLR
DESCRIPTION
01
1
→ 0 → 1
1
Load Input Latch
10
1
→ 0 → 1
1
Load D/A Latch
11
1
→ 0 → 1
1
No Change
0
0
0
1
Latches Transparent
X
X
1
1
No Change
X
X
X
0
Reset D/A Latch
TRUTH TABLE
PACKAGE INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-Brown
Corporation recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet published speci-
fications.
ORDERING INFORMATION
DIFFERENTIAL
LINEARITY
TEMPERATURE
ERROR MAX
PRODUCT
PACKAGE
RANGE
at +25
°C
DAC715P
Plastic DIP
–40
°C to +85°C
±4LSB
DAC715U
Plastic SOIC
–40
°C to +85°C
±4LSB
DAC715PB
Plastic DIP
–40
°C to +85°C
±2LSB
DAC715UB
Plastic SOIC
–40
°C to +85°C
±2LSB
DAC715PK
Plastic DIP
0
°C to 70°C
±2LSB
DAC715UK
Plastic SOIC
0
°C to 70°C
±2LSB
DAC715PL
Plastic DIP
0
°C to 70°C
±1LSB
DAC715UL
Plastic SOIC
0
°C to 70°C
±1LSB
TA = –40°C to +85°C, +VCC = +12V or +15V, –VCC = –12V or –15V.
SYMBOL
PARAMETER
MIN
MAX
UNITS
tDW
Data Valid to End of WR
50
ns
tAW
A0, A1 Valid to End of WR
50
ns
tAH
A0, A1 Hold after End of WR
10
ns
tDH
Data Hold after end of WR
10
ns
tWP(1)
Write Pulse Width
50
ns
tCP
CLEAR Pulse Width
200
ns
NOTES: (1) For single-buffered operation, tWP is 80ns min. Refer to page 10.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - DAC715PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC715PB BURR-BROWN-DAC715PB Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

Similar Description - DAC715PB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com