Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC712PB Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC712PB
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712PB Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC712PB Datasheet HTML 4Page - Texas Instruments DAC712PB Datasheet HTML 5Page - Texas Instruments DAC712PB Datasheet HTML 6Page - Texas Instruments DAC712PB Datasheet HTML 7Page - Texas Instruments DAC712PB Datasheet HTML 8Page - Texas Instruments DAC712PB Datasheet HTML 9Page - Texas Instruments DAC712PB Datasheet HTML 10Page - Texas Instruments DAC712PB Datasheet HTML 11Page - Texas Instruments DAC712PB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
A
1
A
0
DAC712
SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009 ................................................................................................................................................. www.ti.com
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
DCOM
Power-Supply return for digital currents
2
ACOM
Analog Supply Return
3
VOUT
±10V D/A Output
4
Offset Adjust
Offset Adjust (Bipolar)
5
VREF OUT
Voltage Reference Output
6
Gain Adjust
Gain Adjust
7
+VCC
+12V to +15V Supply
8
–VCC
–12V to –15V Supply
9
CLR
CLEAR; Sets D/A output to Bipolar Zero (Active Low)
10
WR
Write (Active Low)
11
Enable for D/A latch (Active Low)
12
Enable for Input latch (Active Low)
13
D15
Data Bit 15 (Most Significant Bit)
14
D14
Data Bit 14
15
D13
Data Bit 13
16
D12
Data Bit 12
17
D11
Data Bit 11
18
D10
Data Bit 10
19
D9
Data Bit 9
20
D8
Data Bit 8
21
D7
Data Bit 7
22
D6
Data Bit 6
23
D5
Data Bit 5
24
D4
Data Bit 4
25
D3
Data Bit 3
26
D2
Data Bit 2
27
D1
Data Bit 1
28
D0
Data Bit 0 (Least Significant Bit)
8
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC712


Similar Part No. - DAC712PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC712PB BURR-BROWN-DAC712PB Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
More results

Similar Description - DAC712PB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com