Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC714HB Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC714HB
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC714HB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC714HB Datasheet HTML 5Page - Texas Instruments DAC714HB Datasheet HTML 6Page - Texas Instruments DAC714HB Datasheet HTML 7Page - Texas Instruments DAC714HB Datasheet HTML 8Page - Texas Instruments DAC714HB Datasheet HTML 9Page - Texas Instruments DAC714HB Datasheet HTML 10Page - Texas Instruments DAC714HB Datasheet HTML 11Page - Texas Instruments DAC714HB Datasheet HTML 12Page - Texas Instruments DAC714HB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DAC714
9
SBAS032A
www.ti.com
DIGITAL INTERFACE
SERIAL INTERFACE
The DAC714 has a serial interface with two data buffers
which can be used for either synchronous or asynchronous
updating of multiple D/A converters. A0 is the enable control
for the input shift register. A1 is the enable for the D/A Latch.
CLK is used to strobe data into the latches enabled by A0 and
A1. A CLR function is also provided and when enabled it sets
the shift register and the D/A Latch to 0000H (output voltage
is midscale).
Multiple DAC714s can be connected to the same CLK and
data lines in two ways. The output of the serial shift register
is available as SDO so that any number of DAC714s can be
cascaded on the same input bit stream as shown in Figures
8 and 9. This configuration allows all D/A converters to be
updated simultaneously and requires a minimum number of
control signals. These configurations do require 16N CLK
cycles to load any given D/A converter, where N is the
number of D/A converters.
The DAC714 can also be connected in parallel as shown in
Figure 10. This configuration allows any D/A converter in
the system to be updated in a maximum of 16 CLK cycles.
GAIN AND OFFSET ADJUST
Connections Using Potentiometers
GAIN and OFFSET adjust pins provide for trim using
external potentiometers. 15-turn potentiometers provide suf-
ficient resolution. Range of adjustment of these trims is at
least
±0.3% of Full Scale Range. Refer to Figure 6.
Using D/A Converters
The GAIN ADJUST and OFFSET ADJUST circuits of
the DAC714 have been arranged so that these points may
be easily driven by external D/A converters. Refer to
Figure 7. 12-bit D/A converters provide an OFFSET
adjust resolution and a GAIN adjust resolution of 30
µV
to 50
µV per LSB step.
Nominal values of GAIN and OFFSET occur when the D/A
converters outputs are at approximately half scale, +5V.
OUTPUT VOLTAGE RANGE CONNECTIONS
The DAC714 output amplifier is connected internally to
provide a 20V output range. For other ranges and configu-
rations, see Figures 6 and 7.
FIGURE 5. System Ground Considerations for High-Resolution D/A Converters.
R
1
Sense
Output
R
L
R
2
R
3
Alternate Ground
Sense Connection
System Ground
ACOM
DCOM
Bus
Interface
DAC714
Analog
Power
Supply
0.01µF
(1)
0.01µF
To +V
CC
To –V
CC
NOTE: (1) Locate close to DAC714 package.
V
OUT
10k
10k
V
REF
V
REF
R
BPO
SDI
A
0
A
1
CLR
10k
R
FB2


Similar Part No. - DAC714HB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC714HB BURR-BROWN-DAC714HB Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
More results

Similar Description - DAC714HB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com