Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7871 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7871
Description  14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7871 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7871 Datasheet HTML 1Page - Texas Instruments ADS7871 Datasheet HTML 2Page - Texas Instruments ADS7871 Datasheet HTML 3Page - Texas Instruments ADS7871 Datasheet HTML 4Page - Texas Instruments ADS7871 Datasheet HTML 5Page - Texas Instruments ADS7871 Datasheet HTML 6Page - Texas Instruments ADS7871 Datasheet HTML 7Page - Texas Instruments ADS7871 Datasheet HTML 8Page - Texas Instruments ADS7871 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADS7871
SLAS370C − APRIL 2002 − REVISED OCTOBER 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS
For the Total System (1), −40
°C ≤ TA ≤ 85°C, VDD = 5 V, BUFIN = 2.5 V (using external reference), 2.5-MHz CCLK and 2.5-MHz SCLK (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Outputs
Data coding
Binary 2s complement
Low-level output voltage, VOL
ISINK = 5 mA
0.4
V
Logic levels
Low-level output voltage, VOL
ISINK = 16 mA
0.8
V
Logic levels
High-level output voltage, VOH
ISOURCE = 0.5 mA
VDD − 0.4
V
High-level output voltage, VOH
ISOURCE = 5 mA
4.6
V
Leakage current
Hi-Z state, VO = 0 V to VDD
1
µA
Output capacitance
5
pF
Voltage Reference
Bandgap voltage
VREF = 2.048 V, 2.5 V
Pin 26 used as output,
Use internal OSC or external
−0.25
±0.05
0.25
%FSR
Bandgap voltage
reference
VREF = 1.15 V
Use internal OSC or external
CCLK as conversion clock
1.15
V
Output drive
±0.6
µA
Reference Buffer
Input voltage, BUFIN
0.9
VDD − 0.2
V
Input impedance, BUFIN
At pin 27
1000||3
G
Ω||pF
Input offset
−10
±1
10
mV
Output voltage accuracy vs temperature,
(2) (3)
Pin 28 used as output,
−0.25
±0.05
0.25
%FSR
Output voltage accuracy vs temperature,
BUFOUT/REFIN (2) (3)
Pin 28 used as output,
VREF = 2.048 V and 2.5 V
10
50
ppm/
°C
Output drive, BUFOUT/REFIN
20
mA
Power Supply Requirements
Supply voltage
2.7
5.5
V
(2)
1-kHz Sample rate
REF and BUF on, Internal os-
cillator on
1.2
mA
Power supply current (2)
48-kHz Sample rate
REF and BUF on, External
CCLK
1.7
2
mA
Power down
REF, BUF, Internal
oscillator off
1
µA
(2)
1-kHz Sample rate
REF and BUF on, Internal
oscillator on
6
mW
Power dissipation (2)
48-kHz Sample rate
REF and BUF on, External
CCLK
8.5
11
mW
Power down
REF and BUF off
5
µW
Temperature Range
Operating free-air
−40
85
°C
Storage range
−65
150
°C
Thermal resistance,
QJA
65
°C/W
(1) The specifications for the total system are overall analog input to digital output specifications. The specifications for internal functions indicate
the performance of the individual functions in the ADS7871.
(2) REF and BUF contribute 190 µA and 150 µA (950 µW and 750 µW) respectively. At initial power up the default condition for both REF and BUF
functions is power off. They can be turned on under software control by writing a 1 to D3 and D2 of register 7, REF/OSCILLATOR CONTROL
register.
(3) For VDD < 3 V, VREF = 2.5 V is not usable.


Similar Part No. - ADS7871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI1-ADS7871 Datasheet
958Kb / 46P
[Old version datasheet]   PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
ADS7871IDB TI-ADS7871IDB Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDB TI1-ADS7871IDB Datasheet
958Kb / 46P
[Old version datasheet]   PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
ADS7871IDBG4 TI1-ADS7871IDBG4 Datasheet
958Kb / 46P
[Old version datasheet]   PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
More results

Similar Description - ADS7871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
[Old version datasheet]   14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401_07 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401-EP TI-THS1401-EP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com