Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7843 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7843
Description  TOUCH SCREEN CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7843 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7843 Datasheet HTML 7Page - Texas Instruments ADS7843 Datasheet HTML 8Page - Texas Instruments ADS7843 Datasheet HTML 9Page - Texas Instruments ADS7843 Datasheet HTML 10Page - Texas Instruments ADS7843 Datasheet HTML 11Page - Texas Instruments ADS7843 Datasheet HTML 12Page - Texas Instruments ADS7843 Datasheet HTML 13Page - Texas Instruments ADS7843 Datasheet HTML 14Page - Texas Instruments ADS7843 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ADS7843
11
SBAS090B
www.ti.com
POWER DISSIPATION
There are two major power modes for the ADS7843: full power
(PD1-PD0 = 11B) and auto power-down (PD1-PD0 = 00B).
When operating at full speed and 16 clocks per conversion ( see
Figure 6), the ADS7843 spends most of its time acquiring or
converting. There is little time for auto power-down, assuming
that this mode is active. Therefore, the difference between full
power mode and auto power-down is negligible. If the conver-
sion rate is decreased by simply slowing the frequency of the
DCLK input, the two modes remain approximately equal. How-
ever, if the DCLK frequency is kept at the maximum rate during
a conversion but conversions are simply done less often, the
difference between the two modes is dramatic.
Figure 9 shows the difference between reducing the DCLK
frequency (“scaling” DCLK to match the conversion rate) or
maintaining DCLK at the highest frequency and reducing the
number of conversions per second. In the later case, the
converter spends an increasing percentage of its time in
power-down mode (assuming the auto power-down mode is
active).
Another important consideration for power dissipation is the
reference mode of the converter. In the single-ended refer-
ence mode, the converter’s internal switches are on only
when the analog input voltage is being acquired (see Figure
5). Thus, the external device, such as a resistive touch
screen, is only powered during the acquisition period. In the
differential reference mode, the external device must be
powered throughout the acquisition and conversion periods
(see Figure 5). If the conversion rate is high, this could
substantially increase power dissipation.
devices have fairly “clean” power and grounds because most
of the internal components are very low power. This situation
would mean less bypassing for the converter’s power and
less concern regarding grounding. Still, each situation is
unique and the following suggestions should be reviewed
carefully.
For optimum performance, care should be taken with the
physical layout of the ADS7843 circuitry. The basic SAR
architecture is sensitive to glitches or sudden changes on the
power supply, reference, ground connections, and digital
inputs that occur just prior to latching the output of the analog
comparator. Thus, during any single conversion for an ‘n-bit’
SAR converter, there are n ‘windows’ in which large external
transient voltages can easily affect the conversion result.
Such glitches might originate from switching power supplies,
nearby digital logic, and high-power devices. The degree of
error in the digital output depends on the reference voltage,
layout, and the exact timing of the external event. The error
can change if the external event changes in time with respect
to the DCLK input.
With this in mind, power to the ADS7843 should be clean and
well bypassed. A 0.1
µF ceramic bypass capacitor should be
placed as close to the device as possible. A 1
µF to 10µF
capacitor may also be needed if the impedance of the
connection between +VCC and the power supply is high.
The reference should be similarly bypassed with a 0.1
µF
capacitor. If the reference voltage originates from an op amp,
make sure that it can drive the bypass capacitor without
oscillation. The ADS7843 draws very little current from the
reference on average, but it does place larger demands on
the reference circuitry over short periods of time (on each
rising edge of DCLK during a conversion).
The ADS7843 architecture offers no inherent rejection of
noise or voltage variation in regards to the reference input.
This is of particular concern when the reference input is tied
to the power supply. Any noise and ripple from the supply will
appear directly in the digital results. While high frequency
noise can be filtered out, voltage variation due to line fre-
quency (50Hz or 60Hz) can be difficult to remove.
The GND pin should be connected to a clean ground point.
In many cases, this will be the “analog” ground. Avoid
connections which are too near the grounding point of a
microcontroller or digital signal processor. If needed, run a
ground trace directly from the converter to the power-supply
entry or battery connection point. The ideal layout will include
an analog ground plane dedicated to the converter and
associated analog circuitry.
In the specific case of use with a resistive touch screen, care
should be taken with the connection between the converter
and the touch screen. Since resistive touch screens have
fairly low resistance, the interconnection should be as short
and robust as possible. Longer connections will be a source
of error, much like the on-resistance of the internal switches.
Likewise, loose connections can be a source of error when
the contact resistance changes with flexing or vibrations.
FIGURE 9. Supply Current versus Directly Scaling the Fre-
quency of DCLK with Sample Rate or Keeping
DCLK at the Maximum Possible Frequency.
LAYOUT
The following layout suggestions should provide the most
optimum performance from the ADS7843. However, many
portable applications have conflicting requirements concern-
ing power, cost, size, and weight. In general, most portable
10k
100k
1k
1M
f
SAMPLE (Hz)
100
10
1
1000
f
CLK = 2MHz
f
CLK = 16 • fSAMPLE
T
A = 25°C
+V
CC = +2.7V


Similar Part No. - ADS7843

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843-Q1 TI1-ADS7843-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843E BURR-BROWN-ADS7843E Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7843E BURR-BROWN-ADS7843E Datasheet
285Kb / 13P
   EVALUATION FIXTURE
logo
Texas Instruments
ADS7843IDBQRQ1 TI1-ADS7843IDBQRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
More results

Similar Description - ADS7843

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com