Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103AW Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SD103AW
Description  400mW Schottky Barrier Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SD103AW Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SD103AW Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SD103AW Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD103AW - SD103CW
400mW Schottky Barrier Switching Diode
Features
Low forward voltage drop
Guard ring construction for transient protection
Negligible reverse recovery time
Low reverse capacitance
Mechanical Data
Case: SOD-123, plastic
Polarity: Cathode band
Marking: Date Code and Type Code or
Date Code only
Type Code: SD103AW
S4
SD103BW
S5
SD103CW
S6
Weight: 0.01 grams (approx.)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oCambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol SD103AW SD103BW SD103CW Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current (Note 1)
IFM
350
mA
Non-repetitive Peak Forward Surge Current
@ t ≦ 1.0s
IFSM
1.5
A
Power Dissipation (Note 1)
Pd
400
mW
Thermal Resistance Junction to Ambient Air
(Note 1)
RθJA
300
oC /W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 125
oC
Electrical Characteristics
Type Number
Symbol
Min
Typ
Max
Units
Reverse Breakdown Voltage (Note 2)
SD103AW
IR=100uA
SD103BW
IR=100uA
SD103CW
IR=100uA
V(BR)
40
30
20
-
V
Peak Reverse Current
SD103AW
VR=30V
SD103BW
VR=20V
SD103CW
VR=10V
IR
-
-
5.0
uA
Forward Voltage Drop
VF
-
0.37
0.60
V
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
50
-
pF
Reverse Recovery Time
IF=IR=200mA
Irr=0.1 x IR, RL=100Ω
trr
-
10
-
nS
Notes: 1. Valid Provided that Terminals are Kept at Ambient Temperature.
2. Pulse Test: Pulse width = 300uS, Duty cycle ≦2%..
SOD-123
0.053(1.35)
Max.
0.006(0.15)
Typ. Min.
0.010(0.25)
Min.
0.004(0.10)
Max.
0.067(1.70)
0.055(1.40)
0.022(0.55)
Typ. Min.
0.152(3.85)
0.140(3.55)
0.112(2.85)
0.100(2.55)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SD103AW

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SD103AW SMC-SD103AW Datasheet
169Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
SUNMATE electronic Co.,...
SD103AW SUNMATE-SD103AW Datasheet
995Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
SD103AW BILIN-SD103AW Datasheet
148Kb / 3P
   Schottky Barrier Diode
logo
DONGGUAN YOU FENG WEI E...
SD103AW YFWDIODE-SD103AW Datasheet
469Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SD103AW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SD101AW TSC-SD101AW_1 Datasheet
74Kb / 2P
   400mW Schottky Barrier Switching Diode
SD101XW TSC-SD101XW Datasheet
74Kb / 2P
   400mW Schottky Barrier Switching Diode
logo
Shenzhen Luguang Electr...
SD101AW LUGUANG-SD101AW Datasheet
120Kb / 2P
   400mW Schottky Barrier Switching Diode
logo
Taiwan Semiconductor Co...
SD103AW TSC-SD103AW_1 Datasheet
73Kb / 2P
   400mW Schottky Barrier Switching Diode
SD103AW TSC-SD103AW_11 Datasheet
188Kb / 3P
   400mW, Low VF SMD Schottky Barrier Diode
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_11 Datasheet
174Kb / 3P
   High Speed Switching Diode 400mW
BAS316 MCC-BAS316_13 Datasheet
422Kb / 4P
   High Speed Switching Diode 400mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com