Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD101CWS Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SD101CWS
Description  Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SD101CWS Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SD101CWS Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SD101CWS Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings
Parameter
Symbol
SD101AWS
SD101BWS
SD101CWS
Unit
Peak Repetitive Peak reverse voltage
Working Peak
DC Blocking
Voltage
VRRM
VRWM
VR
60
50
40
V
RMS Reverse Voltage
VR(RMS)
42
35
28
V
Forward Continuous Current
IFM
15
mA
Repetitive Peak Forward Current @t<1.0s
@t=10
μs
IFRM
50
2.0
mA
A
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
℃/W
Storage temperature
TSTG
-65~+125
Electrical Ratings
Parameter
Symb
ol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
SD101AWS
SD101BWS
SD101CWS
V (BR)R
60
50
40
V
IR=10μA
IR=10μA
IR=10μA
Forward voltage
SD101AWS
SD101BWS
SD101CWS
SD101AWS
SD101BWS
SD101CWS
VF
0.41
0.40
0.39
1.00
0.95
0.90
V
IF=1.0mA
IF=1.0mA
IF=1.0mA
IF=15mA
IF=15mA
IF=15mA
Reverse current
SD101AWS
SD101BWS
SD101CWS
IRM
0.2
μA
VR=50V
VR=40V
VR=30V
Capacitance between terminals
SD101AWS
SD101BWS
SD101CWS
CT
2.0
2.1
2.2
pF
VR=0V,f=1.0MHz
Reverse Recovery Time
trr
1.0ns
IF=IR=5mA
Irr=0.1XIR,RL=100Ω
SD101AWS-SD101CWS
Schottky Diodes
SOD-323
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Features
Low Forward Voltage Drop
Guard Ring Construction for
Transient Protection
Negligible Reverse Recovery Time
Low Capacitance
Ultra-small Surface Mount Package
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SD101CWS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD101CWS DIODES-SD101CWS Datasheet
60Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 4 - 2
SD101CWS DIODES-SD101CWS Datasheet
81Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 11 - 2
logo
Microdiode Electronics ...
SD101CWS CHENDA-SD101CWS Datasheet
532Kb / 2P
   SCHOTTKY DIODES
logo
Diodes Incorporated
SD101CWS DIODES-SD101CWS Datasheet
74Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 8 - 2
logo
Pan Jit International I...
SD101CWS PANJIT-SD101CWS Datasheet
76Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - SD101CWS

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com