Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-363 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SOT-363
Description  Surface Mount Fast Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SOT-363 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SOT-363 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SOT-363 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast switching speed.
For general purpose switching application.
Ultra-small surface mount package.
High conductance.
Two “BAV99”circuits in one package.
For general purpose switching application.
Type No.
Marking
Package Code
BAV99DW
KJG
SOT-363
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Symbol
Characteristic
Value
Unit
VRM
Non-repetitive peak reverse voltage
100
V
VRRM
VRWM
VR
Peak repetitive reverse voltage
Working peak reverse voltage
DC reverse voltage
75
V
VR(RMS)
RMS Reverse voltage
53
V
IFM
Forward continuous current
215
mA
IFSM
Non-repetitive peak forward surge current
@t=1.0
μs
@t=1.0ms
@t=1.0s
2.0
1.0
0.5
A
PD
Power Dissipation
200
mW
RθJA
Thermal Resistance, Junction to Ambient
417
℃/W
Tj,Tstg
Junction and Storage Temperature
-65 to+150
BAV99DW
Surface Mount Fast Switching Diodes
Dimensions in inches and (millimeters)
SOT-363
Features
Applications
Ordering Information
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SOT-363

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SOT-363 MCC-SOT-363 Datasheet
335Kb / 3P
   5 Volts ESD Protection Device
logo
Shenzhen Luguang Electr...
SOT-363 LUGUANG-SOT-363 Datasheet
311Kb / 2P
   BAS16TW
logo
SHENZHEN YONGERJIA INDU...
SOT-363 WINNERJOIN-SOT-363 Datasheet
134Kb / 2P
   TRANSISTOR (PNP)
logo
Shenzhen Luguang Electr...
SOT-363 LUGUANG-SOT-363 Datasheet
276Kb / 2P
   Surface Mount Schottky Barrier Diode Arrays
SOT-363 LUGUANG-SOT-363 Datasheet
344Kb / 2P
   Surface Mount Fast Switching Diodes
More results

Similar Description - SOT-363

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LS4448 PANJIT-LS4448_13 Datasheet
82Kb / 5P
   FAST SWITCHING SURFACE MOUNT DIODES
1N4150 PANJIT-1N4150_14 Datasheet
113Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Diode Semiconductor Kor...
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com