Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62147EV30 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62147EV30
Description  4-Mbit (256Kx16) Satic RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62147EV30 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62147EV30_12 Datasheet HTML 2Page - Cypress Semiconductor CY62147EV30_12 Datasheet HTML 3Page - Cypress Semiconductor CY62147EV30_12 Datasheet HTML 4Page - Cypress Semiconductor CY62147EV30_12 Datasheet HTML 5Page - Cypress Semiconductor CY62147EV30_12 Datasheet HTML 6Page - Cypress Semiconductor CY62147EV30_12 Datasheet HTML 7Page - Cypress Semiconductor CY62147EV30_12 Datasheet HTML 8Page - Cypress Semiconductor CY62147EV30_12 Datasheet HTML 9Page - Cypress Semiconductor CY62147EV30_12 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY62147EV30 MoBL®
Document Number: 38-05440 Rev. *M
Page 6 of 18
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions
Min
Typ [11]
Max
Unit
VDR
VCC for data retention
1.5
V
ICCDR
[12]
Data retention current
VCC = 1.5 V, CE > VCC – 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V
–0.8
7
A
tCDR
[13]
Chip deselect to data retention
time
0––
ns
tR
[14]
Operation recovery time
45
ns
Data Retention Waveform
Figure 5. Data Retention Waveform [15, 16]
VCC(min)
VCC(min)
tCDR
VDR > 1.5V
DATA RETENTION MODE
tR
VCC
CE or
BHE.BLE
Notes
11. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
12. Chip enable (CE) and byte enables (BHE and BLE) need to be tied to CMOS levels to meet the ISB1 / ISB2 / ICCDR spec. Other inputs can be left floating.
13. Tested initially and after any design or process changes that may affect these parameters.
14. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 s or stable at VCC(min) > 100 s.
15. BGA packaged device is offered in single CE and dual CE options. In this data sheet, for a dual CE device, CE refers to the internal logical combination of CE1 and
CE2 such that when CE1 is LOW and CE2 is HIGH, CE is LOW. For all other cases CE is HIGH.
16. BHE.BLE is the AND of both BHE and BLE. Deselect the chip by either disabling the chip enable signals or by disabling both BHE and BLE.


Similar Part No. - CY62147EV30_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62147EV30 CYPRESS-CY62147EV30_11 Datasheet
516Kb / 16P
   4-Mbit (256K x 16) Static RAM Wide voltage range: 2.20 V to 3.60 V
CY62147EV30 CYPRESS-CY62147EV30_13 Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
More results

Similar Description - CY62147EV30_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046DV33 CYPRESS-CY7C1046DV33 Datasheet
441Kb / 8P
   4-Mbit (1M x 4) Static RAM
CY7C1046D CYPRESS-CY7C1046D Datasheet
393Kb / 8P
   4-Mbit (1M x 4) Static RAM
logo
Samsung semiconductor
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000B SAMSUNG-KM6164000B Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6R4016C1C-C SAMSUNG-K6R4016C1C-C Datasheet
184Kb / 11P
   256Kx16 Bit High Speed Static RAM(5V Operating).
logo
Cypress Semiconductor
CY7C1046D CYPRESS-CY7C1046D_10 Datasheet
466Kb / 15P
   4-Mbit (1 M 횞 4) Static RAM
CY7C1046DV33 CYPRESS-CY7C1046DV33_10 Datasheet
459Kb / 14P
   4-Mbit (1 M 횞 4) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com