Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

608017062300339 Datasheet(PDF) 8 Page - AVX Corporation

Part # 608017062300339
Description  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

608017062300339 Datasheet(HTML) 8 Page - AVX Corporation

Back Button 608017062300339 Datasheet HTML 4Page - AVX Corporation 608017062300339 Datasheet HTML 5Page - AVX Corporation 608017062300339 Datasheet HTML 6Page - AVX Corporation 608017062300339 Datasheet HTML 7Page - AVX Corporation 608017062300339 Datasheet HTML 8Page - AVX Corporation 608017062300339 Datasheet HTML 9Page - AVX Corporation 608017062300339 Datasheet HTML 10Page - AVX Corporation 608017062300339 Datasheet HTML 11Page - AVX Corporation 608017062300339 Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
21
Varicon®
Series 8016 Covers
Part Number
For Size
Hardware
Cable
Clamp
Size
Threads
Entance
Type
mm (inches)
30 8016 9829 00 000
20
Metric
Side
Standard
11.53 (0.454) Dia
30 8016 9831 00 000
20
Metric
Top
Standard
11.53 (0.454) Dia
30 8016 0200 00 415
20
UNC
45
Standard
5 x 10 (0.197 x 0.394) min
30 8016 9821 00 000
38
Metric
Side
Standard
16.51 x 12.70 (0.650 x 0.500)
30 8016 9822 00 000
38
Metric
Top
Standard
16.51 x 12.70 (0.650 x 0.500)
30 8016 9825 00 000
38
Metric
Side
Large
16.51 x 15.44 (0.650 x 0.608)
30 8016 9826 00 000
38
Metric
Top
Large
16.51 x 15.44 (0.650 x 0.608)
30 8016 9838 00 000
38
Metric
Side
Ex-Large
20.83 x 15.60 (0.820 x 0.614)
30 8016 9839 00 000
38
Metric
Top
Ex-Large
20.83 x 15.60 (0.820 x 0.614)
30 8016 0560 00 413
56
UNC
Top/Side
Standard
6 x 14 (0.236 x 0.551) min
30 8016 0560 00 415
56
UNC
45
Standard
6 x 14 (0.236 x 0.551) min
30 8016 9832 00 000
90
Metric
Side
Large
20.32 (0.800) Dia
30 8016 9833 00 000
90
Metric
Top
Large
20.32 (0.800) Dia
30 8016 9843 00 000
90
Metric
Side
Ex-Large
25.40 x 20.32 (1.00 x 0.800)
30 8016 9844 00 000
90
Metric
Top
Ex-Large
25.40 x 20.32 (1.00 x 0.800)
30 8016 9834 00 000
120
Metric
Side
Large
20.32 x 27.43 (0.800 x 1.080)
30 8016 9835 00 000
120
Metric
Top
Large
20.32 x 27.43 (0.800 x 1.080)


Similar Part No. - 608017062300339

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6080 SCHURTER-6080 Datasheet
465Kb / 4P
   IEC Appliance Inlet C14/C18, Screw-on mounting, Front side,Quick-connect
13.10.2022
logo
Heyco.
6080 HEYCO-6080 Datasheet
139Kb / 1P
   Heavy Duty Ring and Spade Terminals
logo
Analog Technologies, In...
608000502000 ANALOGTECHNOLOGIES-608000502000 Datasheet
512Kb / 7P
   MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0
logo
Wurth Elektronik GmbH &...
608000502000 WURTH-608000502000 Datasheet
511Kb / 8P
   MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0
logo
Analog Devices
60800213421 AD-60800213421 Datasheet
1Mb / 12P
   Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com