Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOD-323 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SOD-323
Description  Surface Mount Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SOD-323 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SOD-323 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SOD-323 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast switching.
Designed for surface mount application.
Plastic material-UL recognition flammability
classification 94V-O
Surface mount fast switching diode
Type No.
Marking
Package Code
BAS16H
A6
SOD-323
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Continuous Reverse Voltage
VR
75
V
Forward Continuous Current
IF
200
mA
Peak forward surge current
IFSM
500
mA
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
635
℃/W
Junction and Storage Temperature Rage
Tj,TSTG
-55 to+150
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
75
-
V
IR=100μA
Forward Voltage
VF
-
715
855
1000
1250
mV
IF=1.0mA
IF=10mA
IF=50mA
IF=150mA
Reverse Current
IR
-
1.0
50
30
μA
VR=75V
VR=75V,TJ=150
VR=25V, TJ=150
Diode Capacitance
CD
-
2
pF
VR=0,f=1.0MHz
Forward recovery voltage
VFR
1.75
V
IF=10mA,tr=20nS
Stored Charge
QS
45
pC
IF=10mA to VR=5.0V
RL=500Ω
Reverse Recovery Time
trr
-
5
ns
IF=IR=10mA,RL=50Ω
BAS16H
Surface Mount Switching Diodes
Features
Applications
Ordering Information
SOD-323
Dimensions in inches and (millimeters)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SOD-323

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SOD-323 DIODES-SOD-323 Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
SHENZHEN YONGERJIA INDU...
SOD-323 WINNERJOIN-SOD-323 Datasheet
129Kb / 2P
   FAST SWITCHING DIODE
logo
Shenzhen Luguang Electr...
SOD-323 LUGUANG-SOD-323 Datasheet
240Kb / 2P
   Schottky Barrier Diode
SOD-323 LUGUANG-SOD-323 Datasheet
401Kb / 3P
   Silicon Epitaxial Planar Diodes
SOD-323 LUGUANG-SOD-323 Datasheet
272Kb / 1P
   Surface Mounting Schottky Diode
More results

Similar Description - SOD-323

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com