Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

008017313012 Datasheet(PDF) 1 Page - AVX Corporation

Part # 008017313012
Description  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

008017313012 Datasheet(HTML) 1 Page - AVX Corporation

  008017313012 Datasheet HTML 1Page - AVX Corporation 008017313012 Datasheet HTML 2Page - AVX Corporation 008017313012 Datasheet HTML 3Page - AVX Corporation 008017313012 Datasheet HTML 4Page - AVX Corporation 008017313012 Datasheet HTML 5Page - AVX Corporation 008017313012 Datasheet HTML 6Page - AVX Corporation 008017313012 Datasheet HTML 7Page - AVX Corporation 008017313012 Datasheet HTML 8Page - AVX Corporation 008017313012 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
14
FEATURES
Available in five sizes: 20, 38, 56, 90 and 120 contacts
Insertable / removable Varilok contacts
Crimp, solder, solderless wrap, and taper tab terminations
Exceptional versatility: all hardware can be mounted on
plug or receptacle (see ordering code)
Actuating screw facilitates mating and unmating, locks
mated connectors together
Polarizing hardware can be set to any of six positions at
factory; can also be reset by user (see polarizing code)
Optional cover with top or side cable entry and clamp
Optional cable strain relief clamp with adjustable strap
for large or small cable bundles (fits on sizes 38 and 56)
Plug and receptacle contacts are protected from
mishandling
Guide pins and sockets ensure correct alignment when
mating
Aluminum covers
CSA acceptable polyester material
Varicon®
Series 8016 – .075" x .130" x .150" Grid Pattern
Current Rating:
8 amperes, maximum
Contact Resistance:
6 milliohms, maximum
Contact Material:
Phosphor bronze
Contact Plating:
Gold, 10 microinches min.,
over Nickel,
50-100 microinches
Insulator Material:
Thermoplastic 94V-O glass
filled polyester
Insulation Resistance:
5,000 megohms, min.
(polyester)
Sea Level: 1250 volts RMS
3.4" Hg:
625 volts RMS
Cover and Clamp Material and Finish:
Aluminum with clear chromate under grey
enamel finish
TECHNICAL SPECIFICATIONS


Similar Part No. - 008017313012

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008017100217001 AVX-008017100217001 Datasheet
296Kb / 1P
   Series 8017
008017100217002 AVX-008017100217002 Datasheet
296Kb / 1P
   Series 8017
008017100217003 AVX-008017100217003 Datasheet
296Kb / 1P
   Series 8017
008017100217004 AVX-008017100217004 Datasheet
296Kb / 1P
   Series 8017
008017100217005 AVX-008017100217005 Datasheet
296Kb / 1P
   Series 8017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com