Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD352 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MMBD352
Description  Dual Hot Carrier Mixer Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MMBD352 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MMBD352 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MMBD352 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Very low capacitance—
Less than 1.0pF@zero V.
Low forward voltage—IF=10mA.
MMBD352
MMBD353
Power dissipation Pd=300mW
Pb
/RoHS Free
MMBD354
MMBD355
Designed primarily for UHF mixer applications.
Type No.
Marking
Package Code
MMBD352
M5G
SOT-23
MMBD353
M4F
SOT-23
MMBD354
M6H
SOT-23
MMBD355
MJ1
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Continuous reverse voltage
VR
7.0
V
Power Dissipation
Pd
300
mW
Thermal Resistance,Junction-to-Ambient
RθJA
417
℃/W
Junction and storage temperature
TJ,TSTG
-55-150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
V(BR)
7.0
V
IR=100μA
Forward voltage
VF
0.60
V
IF=10mA
Reverse current
IR
0.25
10
μA
VR=3.0V
VR=7.0V
Diode Capacitanc
CD
1.0
pF
VR=0V,f=1MHz
MMBD352-355
Dual Hot Carrier Mixer Diodes
Features
Applications
Ordering Information
Dimensions in inches and (millimeters)
SOT-23
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - MMBD352

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD352 ONSEMI-MMBD352 Datasheet
41Kb / 4P
   Dual Hot Carrier Mixer Diodes
November, 2001 ??Rev. 4
logo
Leshan Radio Company
MMBD352 LRC-MMBD352 Datasheet
45Kb / 2P
   Dual Hot Carrier Mixer Diodes
MMBD352 LRC-MMBD352 Datasheet
48Kb / 2P
   Dual Schottky Barrier Diode
logo
Pan Jit International I...
MMBD352 PANJIT-MMBD352 Datasheet
84Kb / 3P
   SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD352 PANJIT-MMBD352 Datasheet
133Kb / 3P
   SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
More results

Similar Description - MMBD352

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD352LT1G ONSEMI-MMBD352LT1G_07 Datasheet
122Kb / 3P
   Dual Hot Carrier Mixer Diodes
August, 2009 ??Rev. 7
MMBD352LT1 ONSEMI-MMBD352LT1_06 Datasheet
93Kb / 3P
   Dual Hot Carrier Mixer Diodes
September, 2006 ??Rev. 6
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452 Datasheet
241Kb / 2P
   Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
127Kb / 3P
   Dual Hot Carrier Mixer Diodes
October, 2016 ??Rev. 9
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452_V01 Datasheet
1Mb / 2P
   Dual Hot Carrier Mixer Diodes
logo
Motorola, Inc
MMBD352LT1 MOTOROLA-MMBD352LT1 Datasheet
60Kb / 4P
   Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1 ONSEMI-MMBD352LT1 Datasheet
41Kb / 4P
   Dual Hot Carrier Mixer Diodes
November, 2001 ??Rev. 4
logo
Leshan Radio Company
MMBD352LT1 LRC-MMBD352LT1 Datasheet
45Kb / 2P
   Dual Hot Carrier Mixer Diodes
logo
Diode Semiconductor Kor...
MMBD352 DSK-MMBD352 Datasheet
229Kb / 3P
   Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
123Kb / 3P
   Dual Hot-Carrier Diodes
October, 2016 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com