Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCTNo.1 Datasheet(PDF) 9 Page - Tyco Electronics

Part # SCTNo.1
Description  Semirigid Encapsulant-Lined, Polyolefin Tubing
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SCTNo.1 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button SCTNo.1 Datasheet HTML 5Page - Tyco Electronics SCTNo.1 Datasheet HTML 6Page - Tyco Electronics SCTNo.1 Datasheet HTML 7Page - Tyco Electronics SCTNo.1 Datasheet HTML 8Page - Tyco Electronics SCTNo.1 Datasheet HTML 9Page - Tyco Electronics SCTNo.1 Datasheet HTML 10Page - Tyco Electronics SCTNo.1 Datasheet HTML 11Page - Tyco Electronics SCTNo.1 Datasheet HTML 12Page - Tyco Electronics SCTNo.1 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
1-117
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
1
SST/SST-FR
Self-Sealing,
Heat-Shrinkable Tubing
Product Facts
I
Thick adhesive liner forms
an effective barrier against
fluids and moisture
I
Thick-wall insulation,
strain relief and abrasion
protection
I
No need for greases, tape,
or epoxy
I
Expansion ratios as high as
3:1
I
Available in flame-retardant
material
I
SST has the following
agency approvals:
- ABS (American Bureau of
Shipping)
- Lloyd’s (Lloyd’s Register of
Shipping)
I
RoHS compliant
Specifications/Approvals
Series
Military
Industry
Agency
Raychem
SST
——
RW-2011
SST-FR
AMS-DTL-23053/15*,
ASTM D 685, nonburning
ABS, Lloyd’s
RW-2011
Classes 1 and 2
*Formerly MIL-I-23053/I5 and MIL-DTL-23053/15.
Applications
SST provides a simple,
positive splice-sealing
method that offers
protection under adverse
environmental conditions.
Tubing supplied with
standard sealant provides
water sealing and environ-
mental protection in wet or
underground applications.
The thermoplastic adhesive
not only seals, but also
provides mechanical strain
relief. The polymer tubing
has excellent insulating,
abrasion-resistance, and
strain-relief properties.
Installation
Minimum shrink
temperature: 90°C [195°F]
Minimum full recovery
temperature: 121°C [250°F]
Operating Temperature Range
-55°C to 110°C
[-67°F to 230°F]
Available in:
Americas
Europe
Asia Pacific
II
I


Similar Part No. - SCTNo.1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCT-013 ETC1-SCT-013 Datasheet
2Mb / 1P
   Split core current transformer
logo
Beijing Yaohuadechang E...
SCT-013 YHDC-SCT-013 Datasheet
2Mb / 1P
   Split core current transformer
logo
List of Unclassifed Man...
SCT-013-000 ETC1-SCT-013-000 Datasheet
2Mb / 1P
   Split core current transformer
logo
Beijing Yaohuadechang E...
SCT-013-000 YHDC-SCT-013-000 Datasheet
2Mb / 1P
   Split core current transformer
logo
List of Unclassifed Man...
SCT-013-000V ETC1-SCT-013-000V Datasheet
2Mb / 1P
   Split core current transformer
More results

Similar Description - SCTNo.1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
   Semirigid, encapsulant-lined, heat-shrinkable tubing
CGAT MACOM-CGAT Datasheet
48Kb / 2P
   Adhesive lined polyolefin heat-shrinkable tubing
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
   Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
   DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
   DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
logo
3M Electronics
SFTW-203 3M-SFTW-203 Datasheet
13Kb / 2P
   Tubing Very Flexible Polyolefin
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
   Heat Shrinkable Irradiated Polyolefin Tubing
logo
Qualtek Electronics Cor...
QR3 QUALTEK-QR3 Datasheet
769Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL TUBING - ADHESIVE LINED
Q5-4X QUALTEK-Q5-4X Datasheet
742Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL TUBING - ADHESIVE LINED
QR2 QUALTEK-QR2 Datasheet
795Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL TUBING - ADHESIVE LINED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com