Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-23 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SOT-23
Description  Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SOT-23 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SOT-23 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SOT-23 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low forward voltage
: VF(3)=0.92V(typ.)
Fast reverse recovery time : trr=1.6ns(typ.)
1. N.C
MARKING: E3
2. CATHODE
3. ANODE
Maximum Ratings @TA=25
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
85
V
DC Blocking
Voltage
VR
80
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
100
mA
Power Dissipation
PD
150
mW
Junction temperature
TJ
125
Storage temperature range
TSTG
-55-125
Electrical Characteristics @TA=25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
V (BR)R
80
V
IR=100μA
VF1
0.61
V
IF=1mA
VF2
0.74
V
IF=10mA
Forward voltage
VF3
0.92
1.2
V
IF=100mA
IR1
0.1
uA
VR=30V
Reverse current
IR2
0.5
uA
VR=80V
Capacitance between terminals
CT
2.2
4.0
pF
VR=0,f=1MHz
Reverse recovery time
t r r
1.6
4.0
ns
IF=IR=10mA,Irr=0.1×IR
1SS190
Switching Diodes
Features
Dimensions in inches and (millimeters)
SOT-23
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SOT-23

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SOT-23 MOTOROLA-SOT-23 Datasheet
258Kb / 20P
   Zener Voltage Regulator Didoes
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
98Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
SOT-23 KEC-SOT-23 Datasheet
354Kb / 1P
   PACKAGE DIMENSION
logo
Shenzhen Luguang Electr...
SOT-23 LUGUANG-SOT-23 Datasheet
229Kb / 2P
   Dual Surface Mount Fast Switching Diode
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
150Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - SOT-23

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
   Switching Diodes
logo
Microsemi Corporation
1N4153UR-1 MICROSEMI-1N4153UR-1 Datasheet
37Kb / 2P
   SWITCHING DIODES
1N6639 MICROSEMI-1N6639_1 Datasheet
46Kb / 2P
   SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
   Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
   SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
   Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS516 WINNERJOIN-BAS516 Datasheet
162Kb / 1P
   Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
   SWITCHING Diodes
logo
Guangdong Kexin Industr...
MMBD4148-3 KEXIN-MMBD4148-3 Datasheet
972Kb / 2P
   Switching Diodes
MMBD7000-3 KEXIN-MMBD7000-3 Datasheet
810Kb / 2P
   Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com