Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

008017217007 Datasheet(PDF) 11 Page - AVX Corporation

Part # 008017217007
Description  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

008017217007 Datasheet(HTML) 11 Page - AVX Corporation

Back Button 008017217007 Datasheet HTML 4Page - AVX Corporation 008017217007 Datasheet HTML 5Page - AVX Corporation 008017217007 Datasheet HTML 6Page - AVX Corporation 008017217007 Datasheet HTML 7Page - AVX Corporation 008017217007 Datasheet HTML 8Page - AVX Corporation 008017217007 Datasheet HTML 9Page - AVX Corporation 008017217007 Datasheet HTML 10Page - AVX Corporation 008017217007 Datasheet HTML 11Page - AVX Corporation 008017217007 Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
24
Varicon®
Series 8017
Insulator Variation Cover &
Body
Code
Cable
Actuating Fixed
Type
No.
Entrance
Screw
Screw
001
No
Yes
No
002
No
No
Yes
003
Top
Yes
No
Plug
004
Side
Yes
No
005
Top
No
Yes
006
Side
No
Yes
VARIATION CODE
RECOMMENDED CHASSIS LAYOUT
Insulator Variation
Cover &
Body
Code
Cable
Fixed Actuating
Type
No.
Entrance
Nut
Nut
007
No
Yes
No
008
No
No
Yes
Receptacle
009
Top
Yes
No
010
Side
Yes
No
011
Top
No
Yes
012
Side
No
Yes
00
Prefix
8017
Series
Number
XXX
Number of
Positions
75, 100, 130
XXX
0XX
See
Variation
Code
ORDERING CODE
Contact Code
217 = Solder 0.098" x 2.49mm –
60 8017 0513 00 339
218 = Wire Wrap –
0.025 x 0.050 x 0.567" / 0.64 x 1.27 x 14.4mm
60 8017 0613 00 339
750 = Wire Wrap –
0.025 x 0.050 x 0.760" / 0.64 x 1.27 x 19.3mm
60 8017 0623 00 339
296 = Wire Wrap –
0.025 x 0.026 x 0.579" / 0.64 x 0.66 x 14.7mm
60 8017 0633 00 339
313 = Wire Crimp (Contacts Loose) –
Must be ordered separately
60 8017 0313 00 339
323 = Wire Crimp (1800 Contacts on a Reel) –
60 8017 0323 99 339
Must be ordered separately
75/100/130 CONTACTS
Plug with
Plug with
Actuating Screw 001
Fixed Screw 002
Receptacle with
Receptacle with
Fixed Nut 007
Actuating Nut 008
Plug
75 CONTACTS
Plug
Receptacle
Receptacle
100 CONTACTS
Plug
Receptacle
130 CONTACTS
Plug
001
002
003
004
005
006
CONNECTOR PLUG
AND RECEPTACLE
COMBINATIONS
No. of
Front Chassis Mtg.
Back Chassis Mtg.
Pos.
B
C
D
B
C
D
75
2.500/63.50 1.953/49.61 1.437/36.50 2.500/63.50
2.953/75.00 1.656/42.06
100
3.100/78.74 2.546/64.67 1.437/36.50 3.100/78.74
3.562/90.47 1.656/42.06
130
3.700/93.98 3.156/80.16 1.437/36.50 3.700/93.98 4.156/105.56 1.656/42.06
Dimensions inches/mm


Similar Part No. - 008017217007

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008017100217001 AVX-008017100217001 Datasheet
296Kb / 1P
   Series 8017
008017100217002 AVX-008017100217002 Datasheet
296Kb / 1P
   Series 8017
008017100217003 AVX-008017100217003 Datasheet
296Kb / 1P
   Series 8017
008017100217004 AVX-008017100217004 Datasheet
296Kb / 1P
   Series 8017
008017100217005 AVX-008017100217005 Datasheet
296Kb / 1P
   Series 8017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com